Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243EC Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST3243EC
Description  Guaranteed 6 V/ms slew rate range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243EC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST3243EC Datasheet HTML 4Page - STMicroelectronics ST3243EC Datasheet HTML 5Page - STMicroelectronics ST3243EC Datasheet HTML 6Page - STMicroelectronics ST3243EC Datasheet HTML 7Page - STMicroelectronics ST3243EC Datasheet HTML 8Page - STMicroelectronics ST3243EC Datasheet HTML 9Page - STMicroelectronics ST3243EC Datasheet HTML 10Page - STMicroelectronics ST3243EC Datasheet HTML 11Page - STMicroelectronics ST3243EC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Electrical characteristics
ST3243EB, ST3243EC
8/16
Doc ID 8648 Rev 12
C1 - C4 = 0.1 µF, VCC = 3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified.
Typical values are referred to TA = 25 °C, FORCEON = GND, FORCEOFF = VCC.
C1 - C4 = 0.1 µF, VCC = 3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified.
Typical values are referred to TA = 25 °C.
Table 9.
Auto power-down electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VRITE
Receiver input threshold
to INVALID output voltage
HIGH (see Figure 3)
Positive threshold
2.7
V
Negative threshold
2.7
V
VRITD
Receiver input threshold
to INVALID output voltage
LOW (see Figure 3)
-0.3
0.3
V
VIOL
INVALID output voltage
LOW
IOUT = 1.6 mA
0.4
V
VIOH
INVALID output voltage
HIGH
IOUT = -1 mA
VCC-0.6
V
tWU
Receiver or transmitter
edge transmitter enabled
(see Figure 3)
100
µs
tINVH
Receiver positive or
negative threshold to
INVALID HIGH
(see Figure 3)
0.2
µs
tINVL
Receiver positive or
negative threshold to
INVALID LOW
(see Figure 3)
30
µs
Table 10.
Transmitter electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTOUT
Output voltage swing
All Transmitter outputs are loaded with
3k
Ω to GND
± 5
± 5.4
V
ROUT
Output resistance
VCC = V+ = V- = 0 V, VOUT = ± 2 V
300
10M
Ω
ISC
Output short circuit
current
VCC = 3.3 V
± 40
± 60
mA
IL
Output leakage current
VCC = 0 to 5.5V, transmitter output =
±12 V, transmitter disabled
± 25
µA
VOT
Transmitter output voltage
T1IN = T2IN = GND,T3IN = VCC
T3OUT loaded with 3 k
Ω to GND
T1OUT and T2OUT loaded with 2.5mA
each
± 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com