Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243EC Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST3243EC
Description  Guaranteed 6 V/ms slew rate range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243EC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST3243EC Datasheet HTML 5Page - STMicroelectronics ST3243EC Datasheet HTML 6Page - STMicroelectronics ST3243EC Datasheet HTML 7Page - STMicroelectronics ST3243EC Datasheet HTML 8Page - STMicroelectronics ST3243EC Datasheet HTML 9Page - STMicroelectronics ST3243EC Datasheet HTML 10Page - STMicroelectronics ST3243EC Datasheet HTML 11Page - STMicroelectronics ST3243EC Datasheet HTML 12Page - STMicroelectronics ST3243EC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ST3243EB, ST3243EC
Electrical characteristics
Doc ID 8648 Rev 12
9/16
C1 - C4 = 0.1 µF, VCC = 3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified.
Typical values are referred to TA = 25 °C.
C1 - C4 = 0.1 µF, VCC = 3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified.
Typical values are referred to TA = 25 °C.
Table 11.
Receiver electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VRIN
Receiver input voltage
operating range
-25
25
V
VRIL
RS-232 Input threshold
low
TA = 25°C, VCC = 3.3 V
TA = 25°C, VCC = 5.0 V
0.6
0.8
1.1
1.4
V
VRIH
RS-232 Input threshold
high
TA = 25°C, VCC = 3.3 V
TA = 25°C, VCC = 5.0 V
1.6
1.9
2.4
2.4
V
VRIHYS
Input hysteresis
0.5
V
RRIN
Input resistance
TA = 25°C
3
5
7
k
Ω
Table 12.
Timing characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DR
Maximum data rate
RL = 3kΩ, CL= 1000 pF one transmitter
switching
250
400
kbps
tPHL
tPLH
Receiver propagation
delay
RIN to ROUT, CL = 150 pF
0.15
µs
tT_SKEW
Transmitter skew
150
ns
tR_SKEW
Receiver skew
70
ns
SRT
Transition slew rate
TA = 25°C RL = 3k to 7kΩ, VCC = 3.3 V
measured from +3 V to -3 V or -3 V to +3 V
CL = 150 pF to 1000 pF
CL = 150 pF to 2500 pF
6
4
30
30
V/µs
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com