Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5034 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5034
Description  Octal 80-Bit Static Shift Register
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5034 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM5034 Datasheet HTML 1Page - National Semiconductor (TI) MM5034 Datasheet HTML 2Page - National Semiconductor (TI) MM5034 Datasheet HTML 3Page - National Semiconductor (TI) MM5034 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF10821
April 1990
MM5034MM5035
Octal 80-Bit Static Shift Register
General Description
The MM5034 octal 80-bit shift register is a monolithic MOS
integrated circuit utilizing N-channel low threshold enhance-
ment mode and ion-implanted depletion mode devices
The MM5034 is designed for use in computer display pe-
ripherals All inputs and outputs are TTL compatible The
clocks and recirculate logic are internal to reduce system
component count and TRI-STATE
output buffers provide
bus interface Because of its N-channel characteristics sin-
gle 5V power supply operation is required
Simple interface to the NSC CRT DP8350 controller and
character generator to incorporate an entire CRT terminal is
feasible with the MM5034
The MM5034 is available in a 22-lead dual-in-line package
The MM5035 is a 20-pin version of the MM5034 with the
TRI-STATE output select feature omitted for a simple data
indata out operation
Features
Y
Single 5V power supply
Y
Internal clocks
Y
High speed and static operation
Y
TRI-STATE output buffer
Y
Recirculate and outut select independent
Y
TTL compatible
Applications
Y
CRT displays
Y
Computer peripherals
Connection Diagrams
Dual-In-Line Package
TLF10821 – 1
Top View
Order Number MM5034N
See NS Package Number N22A
Dual-In-Line Package
TLF10821 – 2
Top View
Order Number MM5035N
See NS Package Number N20A
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM5034

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MM50-200B1-1E JAE-MM50-200B1-1E Datasheet
246Kb / 1P
TOP SIDE CONTACT - PHOSPHOR BRONZE
MM50-200B1-1RE JAE-MM50-200B1-1RE Datasheet
249Kb / 1P
TOP SIDE CONTACT - PHOSPHOR BRONZE
MM50-200B1-2E JAE-MM50-200B1-2E Datasheet
246Kb / 1P
TOP SIDE CONTACT - PHOSPHOR BRONZE
MM50-200B1-2RE JAE-MM50-200B1-2RE Datasheet
249Kb / 1P
TOP SIDE CONTACT - PHOSPHOR BRONZE
MM50-200B1-B1 JAE-MM50-200B1-B1 Datasheet
243Kb / 1P
TOP SIDE CONTACT - PHOSPHOR BRONZE
More results

Similar Description - MM5034

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
100Kb / 8P
8-Bit Static Shift Register
February, 2005 ??Rev. 5
MC14562B ONSEMI-MC14562B Datasheet
117Kb / 8P
128-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
8-bit static shift register
January 1995
logo
Hitachi Semiconductor
HD14006B HITACHI-HD14006B Datasheet
77Kb / 5P
18-bit Static Shift Register
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
8-bit Static Shift Register
logo
Motorola, Inc
MC14562B MOTOROLA-MC14562B Datasheet
187Kb / 6P
128-BIT STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4021B NXP-HEF4021B Datasheet
89Kb / 14P
8-bit static shift register
Rev. 04-10 November 2008
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
8-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4014B-Q100 NEXPERIA-HEF4014B-Q100 Datasheet
206Kb / 12P
8-bit static shift register
HEF4021B NEXPERIA-HEF4021B Datasheet
242Kb / 14P
8-bit static shift register
Rev. 11 - 1 December 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com