Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5034 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5034
Description  Octal 80-Bit Static Shift Register
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5034 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM5034 Datasheet HTML 1Page - National Semiconductor (TI) MM5034 Datasheet HTML 2Page - National Semiconductor (TI) MM5034 Datasheet HTML 3Page - National Semiconductor (TI) MM5034 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7 VDC
Input Voltage
7 VDC
Power Dissipation
750 mW
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
300 C
Electrical Characteristics VDD e 5V g 5% TA e 0 Cto a70 C
Parameter
Conditions
Min
Typ
Max
Units
Clock Input
Logical ‘‘1’’ Input Voltage
22
V
Logical ‘‘0’’ Input Voltage
08
V
Data and Control Inputs
Logical ‘‘1’’ Input Voltage
22
V
Logical ‘‘0’’ Input Voltage
08
V
Data Clock and Control Inputs
Logical ‘‘1’’ Input Current
VIN e 5V
50
m
A
Input Capacitance
VIN e 25V
50
80
pF
Outputs
Logical ‘‘1’’ Output Voltage
IOUT e 100 mA
24
28
V
Logical ‘‘0’’ Output Voltage
IOUT e 16 mA
025
04
V
TRI-STATE Output Current
VOUT e 5V
b
50
m
A
VOUT e 0V
50
m
A
Supply Current
60
90
mA
Timing
Clock Frequency
0
30
MHz
Clock Pulse Width High
(Figure 1)
125
10000
ns
Clock Pulse Width Low
(Note 1)
125
%
ns
Output Rise and Fall Time (tr tf)
(Figure 1)
40
50
ns
Set-Up Time
(Figure 1)
100
ns
Hold Time
(Figure 1)
0ns
Output Enable Time
(Figure 1)
185
ns
Output Disable Time
(Figure 1)
185
ns
Clock Rise and Fall Time
(Figure 1)
50
m
s
Output Delay (tPD)
80
185
ns
Note 1
The clock input must be a low level for DC storage Minimum width assumes 10 ns tr and tf
Recirculate and TRI-STATE Operation
Recirculate is used to maintain data in the shift register after
it has been loaded While the shift register is being loaded
Recirculate must be at a logical ‘‘0’’ When the loading is
completed Recirculate should be brought to a logical ‘‘1’’
This disables the data input and feeds the output of the last
shift cell back to the input of the first shift cell for each of the
8 registers
For the output to be in the TRI-STATE mode output-select
should be at the logical ‘‘1’’ level
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com