Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333SMLTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA333SMLTR
Description  Automatic zero-detect mute
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333SMLTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA333SMLTR Datasheet HTML 3Page - STMicroelectronics STA333SMLTR Datasheet HTML 4Page - STMicroelectronics STA333SMLTR Datasheet HTML 5Page - STMicroelectronics STA333SMLTR Datasheet HTML 6Page - STMicroelectronics STA333SMLTR Datasheet HTML 7Page - STMicroelectronics STA333SMLTR Datasheet HTML 8Page - STMicroelectronics STA333SMLTR Datasheet HTML 9Page - STMicroelectronics STA333SMLTR Datasheet HTML 10Page - STMicroelectronics STA333SMLTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID025317 Rev 2
7/17
STA333SML
Electrical specifications
17
3.3
Recommended operating conditions
3.4
Electrical specifications - digital section
Table 5. Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Analog supply voltage (VCCx)
4.5
-
18
V
VDD
Digital supply voltage (VDD_DIG)
3.0
3.3
3.6
V
IL
Logic input interface
3.0
3.3
3.6
V
Tamb
Ambient temperature
0
-
70
°C
Table 6. Electrical characteristics for digital section
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Iil
Input current, no pull-up or
pull-down resistor
Vi = 0 V
-
-
±10
µA
Iih
Vi = VDD = 3.6 V
-
-
±10
µA
Vil
Low-level input voltage
-
-
-
0.2 *
VDD
V
Vih
High-level input voltage
-
0.8 *
VDD
--
V
Vol
Low-level output voltage
Iol = 2 mA
-
-
0.4 *
VDD
V
Voh
High-level output voltage
Ioh = 2 mA
0.8 *
VDD
--
V
Ipu
Pull-up current
-
25
66
125
µA
Rpu
Equivalent pull-up
resistance
--
50
-
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com