Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333SMLTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA333SMLTR
Description  Automatic zero-detect mute
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333SMLTR Datasheet(HTML) 1 Page - STMicroelectronics

  STA333SMLTR Datasheet HTML 1Page - STMicroelectronics STA333SMLTR Datasheet HTML 2Page - STMicroelectronics STA333SMLTR Datasheet HTML 3Page - STMicroelectronics STA333SMLTR Datasheet HTML 4Page - STMicroelectronics STA333SMLTR Datasheet HTML 5Page - STMicroelectronics STA333SMLTR Datasheet HTML 6Page - STMicroelectronics STA333SMLTR Datasheet HTML 7Page - STMicroelectronics STA333SMLTR Datasheet HTML 8Page - STMicroelectronics STA333SMLTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
March 2014
DocID025317 Rev 2
1/17
STA333SML
2-channel microless high-efficiency digital audio system
Sound Terminal®
Datasheet
- production data
Features
 Wide-range supply voltage (4.5 V - 18 V)
 2 channels of ternary PWM (stereo mode)
 2 channels of 24-bit FFXTM
 100 dB SNR and dynamic range
 Digital gain +24dB
 Sample rates (fs) from 32 to 48 kHz
 Fixed MCLK at 256 x fs
 Automatic zero-detect mute
 Automatic invalid input detect mute
 Short-circuit detection at startup (Out-V
CC,
Out-Gnd, Out 1b-Out 2a)
 2-channel I²S input data interface
 2 Hz DC cut filter (input)
 96 kHz internal processing sample rate, 24-bit
precision
 Embedded thermal-overload and short-circuit
protection
Applications
 LCDs
 DVDs
 Cradles
 Digital speakers
 Wireless-speaker cradles
Description
The STA333SML is an integrated circuit
comprising digital audio processing, digital
amplifier control and an FFX power output stage
to create a high-power, single-chip FFX solution
for all-digital amplification with high quality and
high efficiency.
The STA333SML power section consists of four
independent half-bridge stages. Two channels
can be provided by two full bridges, providing up
to 10 W + 10 W of power.
Also featured in the STA333SML are new
advanced modes for AM radio interference
reduction. The serial audio data input interface
accepts the popular I²S format. Two channels of
FFXTM processing are provided.
The STA333SML is part of the Sound Terminal®
family that provides full digital audio streaming to
the speaker, offering cost effectiveness, low-
power dissipation and sound enrichment.
CSP 5 x 6 array
Table 1. Device summary
Order code
Package
Packaging
STA333SML
CSP 5x6 array
Tube
STA333SMLTR
CSP 5x6 array
Tape and reel
www.st.com


Similar Part No. - STA333SMLTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
26-Jul-2007
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 68P
2.1-channel 40-watt high-efficiency digital audio system
18-Sep-2013
STA333BW STMICROELECTRONICS-STA333BW Datasheet
2Mb / 67P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
January 2011 Rev 3
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 68P
2.1 channel 40 W high-efficiency digital audio system Sound Terminal
13-Feb-2014
STA333BW13TR STMICROELECTRONICS-STA333BW13TR Datasheet
1Mb / 68P
2.1-channel 40-watt high-efficiency digital audio system
18-Sep-2013
More results

Similar Description - STA333SMLTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA336 ROHM-BA336 Datasheet
107Kb / 7P
Mute detector IC
BA3703F ROHM-BA3703F Datasheet
71Kb / 4P
Mute detector IC
logo
Power Integrations, Inc...
CAP002DG POWERINT-CAP002DG Datasheet
604Kb / 8P
Zero Loss Automatic X Capacitor Discharge IC
CAP002DG-TL POWERINT-CAP002DG-TL Datasheet
604Kb / 8P
Zero Loss Automatic X Capacitor Discharge IC
logo
CML Microcircuits
CMX7164 CMLMICRO-CMX7164 Datasheet
4Mb / 146P
Automatic frame sync detect
logo
Texas Instruments
TLV320AIC1109 TI1-TLV320AIC1109_14 Datasheet
371Kb / 28P
Earphone Mute and Microphone Mute
logo
Copal Electronics
CF-DA COPAL-CF-DA Datasheet
235Kb / 2P
Detect Switches
CL-DA COPAL-CL-DA Datasheet
955Kb / 4P
DETECT SWITCHES
CL-DB COPAL-CL-DB Datasheet
571Kb / 4P
DETECT SWITCHES
logo
STMicroelectronics
STEVAL-CCA049V1 STMICROELECTRONICS-STEVAL-CCA049V1 Datasheet
209Kb / 4P
Automatic zero-detect mute
08-Nov-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com