Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA339BWS Datasheet(PDF) 74 Page - STMicroelectronics

Part # STA339BWS
Description  FFX with 100-dB SNR and dynamic range
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BWS Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STA339BWS Datasheet HTML 70Page - STMicroelectronics STA339BWS Datasheet HTML 71Page - STMicroelectronics STA339BWS Datasheet HTML 72Page - STMicroelectronics STA339BWS Datasheet HTML 73Page - STMicroelectronics STA339BWS Datasheet HTML 74Page - STMicroelectronics STA339BWS Datasheet HTML 75Page - STMicroelectronics STA339BWS Datasheet HTML 76Page - STMicroelectronics STA339BWS Datasheet HTML 77Page - STMicroelectronics STA339BWS Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 79 page
background image
Applications
STA339BWS
74/79
DocID015276 Rev 8
8.2
PLL filter circuit
It is recommended to use the applications circuit and values for the PLL loop filter to achieve
the best performance from the device in general applications. Note that the ground of this
filter circuit has to be connected to the ground of the PLL without any resistive path.
Concerning the component values, it must be taken into account that the greater the filter
bandwidth, the less is the lock time but the higher is the PLL output jitter.
8.3
Typical output configuration
Figure 24 shows the typical output configuration used for BTL stereo mode. Please contact
STMicroelectronics for other recommended output configurations.
Figure 24. Output configuration for stereo BTL mode (RL = 8 
OUT1A
100 nF
100 nF
100 nF
100 nF
6R2
6R2
330 pF
22R
OUT1B
22 μH
22 μH
Left
470 nF
OUT2A
100 nF
100 nF
100 nF
100 nF
6R2
6R2
330 pF
22R
OUT2B
22 μH
22 μH
Right
470 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com