Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA339BWS Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA339BWS
Description  FFX with 100-dB SNR and dynamic range
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BWS Datasheet(HTML) 1 Page - STMicroelectronics

  STA339BWS Datasheet HTML 1Page - STMicroelectronics STA339BWS Datasheet HTML 2Page - STMicroelectronics STA339BWS Datasheet HTML 3Page - STMicroelectronics STA339BWS Datasheet HTML 4Page - STMicroelectronics STA339BWS Datasheet HTML 5Page - STMicroelectronics STA339BWS Datasheet HTML 6Page - STMicroelectronics STA339BWS Datasheet HTML 7Page - STMicroelectronics STA339BWS Datasheet HTML 8Page - STMicroelectronics STA339BWS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
This is information on a product in full production.
September 2014
DocID015276 Rev 8
1/79
STA339BWS
2.1-channel 40-watt high-efficiency digital system
Sound Terminal®
Datasheet
- production data
Features
 Wide-range supply voltage, 4.5 V to 21.5 V
 Three power output configurations:
– 2 channels of ternary PWM (2 x 20 W into
8
 at 18 V) + PWM output
– 2 channels of ternary PWM (2 x 20 W into
8
 at 18 V) + ternary stereo line-out
– 2.1 channels of binary PWM (left, right,
LFE) (2 x 9 W into 4
 +1 x 20 W into 8 
at 18 V)
 FFX with 100-dB SNR and dynamic range
 Scalable FFX modulation index
 Selectable 32- to 192-kHz input sample rates
 I2C control with selectable device address
 Digital gain/attenuation +48 dB to -80 dB with
0.5-dB/step resolution
 Soft volume update with programmable ratio
 Individual channel and master gain/attenuation
 Two independent DRCs configurable as a
dual-band anticlipper (B2DRC) or as
independent limiters/compressors
 EQ-DRC for DRC based on filtered signals
 Dedicated LFE processing for bass boosting
 Audio presets:
– 15 preset crossover filters
– 5 preset anticlipping modes
– Preset nighttime listening mode
 Individual channel soft/hard mute
 Independent channel volume and DSP bypass
 I2S input data interface
 Input and output channel mapping
 Automatic invalid input-detect mute
 Up to 8 user-programmable biquads/channel
 Three coefficient banks for storing EQ presets
with fast recall via I2C interface
 Bass/treble tones and de-emphasis control
 Selectable high-pass filter for DC blocking
 Advanced AM interference frequency
switching and noise suppression modes
 Selectable high- or low-bandwidth
noise-shaping topologies
 Selectable clock input ratio
 96-kHz internal processing sample rate
 Thermal overload and short-circuit protection
technology
 Video apps: 576 x fS input mode supported
 Pin and SW compatible with STA333BW,
STA339BW, STA559BW and STA559BWS
PowerSSO-36
with exposed pad down (EPD)
Table 1. Device summary
Order code
Package
Packaging
STA339BWS
PowerSSO-36 EPD
Tube
STA339BWS13TR
PowerSSO-36 EPD
Tape and reel
www.st.com


Similar Part No. - STA339BWS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA339BWS STMICROELECTRONICS-STA339BWS Datasheet
1Mb / 79P
2.1-channel 40-watt high-efficiency digital system Sound Terminal
24-Jan-2019
STA339BWS13TR STMICROELECTRONICS-STA339BWS13TR Datasheet
2Mb / 76P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal짰
22-Nov-2011
STA339BWS13TR STMICROELECTRONICS-STA339BWS13TR Datasheet
1Mb / 79P
2.1-channel 40-watt high-efficiency digital system Sound Terminal
24-Jan-2019
STA339BWS STMICROELECTRONICS-STA339BWS_11 Datasheet
2Mb / 76P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
22-Nov-2011
STA339BWS STMICROELECTRONICS-STA339BWS_V01 Datasheet
1Mb / 79P
2.1-channel 40-watt high-efficiency digital system Sound Terminal
24-Jan-2019
More results

Similar Description - STA339BWS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Silicon Laboratories
SI3000 SILABS-SI3000 Datasheet
816Kb / 34P
84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
logo
ATMEL Corporation
AT73C213B ATMEL-AT73C213B_14 Datasheet
1Mb / 37P
93 dB SNR Playback Stereo Channels
logo
Analog Devices
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
100 dB Range Logarithmic Converter
REV. B
logo
Texas Instruments
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
STMicroelectronics
STA333IS STMICROELECTRONICS-STA333IS Datasheet
1Mb / 43P
100 dB SNR and dynamic range
April 2013 Rev 3
logo
A-Data Technology
OBR4600 A-DATA-OBR4600 Datasheet
825Kb / 4P
70 dB dynamic range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com