Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101T Datasheet(PDF) 17 Page - STMicroelectronics

Part # STHDLS101T
Description  AC coupled HDMI level shifter with configurable HPD output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101T Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STHDLS101T Datasheet HTML 13Page - STMicroelectronics STHDLS101T Datasheet HTML 14Page - STMicroelectronics STHDLS101T Datasheet HTML 15Page - STMicroelectronics STHDLS101T Datasheet HTML 16Page - STMicroelectronics STHDLS101T Datasheet HTML 17Page - STMicroelectronics STHDLS101T Datasheet HTML 18Page - STMicroelectronics STHDLS101T Datasheet HTML 19Page - STMicroelectronics STHDLS101T Datasheet HTML 20Page - STMicroelectronics STHDLS101T Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
STHDLS101T
Maximum ratings
17/26
5.3
HPD input and output characteristics
Table 10.
HPD_SINK input and HPS_SOURCE output
Symbol
Parameter
Comment
Min
Typ
Max
Unit
VIH-HPD_SINK
HPD_SINK input high level
Low speed input changes
state on cable plug/unplug
25.0
5.3
V
VIL-HPD_SINK
HPD_SINK input low level
0
0.8
V
IIN-HPD_SINK
HPD_SINK input leakage current
Measured with HPD_SINK
at VIH-HPD max and VIL-
HPD min
50
µA
VOH-
HPD_SOURCE
(INV)
HPD_SOURCE output high level
when FUNCTION3 = L
VCC = 3.3 V ±10%
Based on external pull-up
resistor;
output is open drain.
VOL-
HPD_SOURCE
HPD_SOURCE output low level
when FUNCTION3 = H
VCC = 3.3 V ±10%
2.5
VCC
V
VOH-
HPD_SOURCE
(INV)
HPD_SOURCE output high level
when FUNCTION3 = L
VCC = 3.3 V ±10%
IOL =1 mA
00.2
V
VOL-
HPD_SOURCE
HPD_SOURCE output low level
when FUNCTION3 = H
VCC = 3.3 V ±10%
0
0.2
V
THPD
HPD_SINK to HPD_SOURCE
propagation delay
Time from HPD_SINK
changing state to
HPD_SOURCE changing
state. Includes
HPD_SOURCE rise/fall
time
CL=10 pF
200
ns
TRF-HPD
HPD_SOURCE rise/fall time
Time required to transition
from VOH-HPD_SOURCE to
VOL-HPD_SOURCE or from
VOL-HPD_SOURCE to VOH-
HPD_SOURCE
CL=10 pF
120
ns
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com