Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101T Datasheet(PDF) 4 Page - STMicroelectronics

Part # STHDLS101T
Description  AC coupled HDMI level shifter with configurable HPD output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101T Datasheet(HTML) 4 Page - STMicroelectronics

  STHDLS101T Datasheet HTML 1Page - STMicroelectronics STHDLS101T Datasheet HTML 2Page - STMicroelectronics STHDLS101T Datasheet HTML 3Page - STMicroelectronics STHDLS101T Datasheet HTML 4Page - STMicroelectronics STHDLS101T Datasheet HTML 5Page - STMicroelectronics STHDLS101T Datasheet HTML 6Page - STMicroelectronics STHDLS101T Datasheet HTML 7Page - STMicroelectronics STHDLS101T Datasheet HTML 8Page - STMicroelectronics STHDLS101T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Block diagram
STHDLS101T
4/26
1
Block diagram
Figure 1.
STHDLS101T block diagram
50 ±10%
IN _D4+
IN _D4-
OUT_D4+
OUT_D4-
50 ±10%
IN _D3+
IN _D3-
OUT_D3+
OUT_D3-
50 ±10%
IN _D2+
IN _D2-
OUT_D2+
OUT_D2-
50
Ω±10%
IN _D1+
IN _D1-
OUT_D1+
OUT_D1-
10mA current
driver
10mA current
driver
10mA current
driver
10mA current
driver
HPD_SOURCE
HPD_SINK
DDC_EN
SCL_SOURCE
SDA_SOURCE
SCL_SINK
SDA_SINK
OE_N
REXT
0
V
0V
0V
0V
VCC33
RX
RX
RX
RX
160K
HPD level shifter
HPD
Ω
Ω
Ω
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com