Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDFS3P303 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMDFS3P303
Description  Power MOSFET 3 Amps, 30 Volts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDFS3P303 Datasheet(HTML) 3 Page - ON Semiconductor

  MMDFS3P303 Datasheet HTML 1Page - ON Semiconductor MMDFS3P303 Datasheet HTML 2Page - ON Semiconductor MMDFS3P303 Datasheet HTML 3Page - ON Semiconductor MMDFS3P303 Datasheet HTML 4Page - ON Semiconductor MMDFS3P303 Datasheet HTML 5Page - ON Semiconductor MMDFS3P303 Datasheet HTML 6Page - ON Semiconductor MMDFS3P303 Datasheet HTML 7Page - ON Semiconductor MMDFS3P303 Datasheet HTML 8Page - ON Semiconductor MMDFS3P303 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MMDFS3P303
http://onsemi.com
3
MOSFET ELECTRICAL CHARACTERISTICS – continued (TJ = 25°C unless otherwise noted) (Notes 1. & 6.)
Characteristics
Symbol
Min
Typ
Max
Unit
SWITCHING CHARACTERISTICS – continued (Note 7.)
Turn–On Delay Time
td(on)
–
19
–
ns
Rise Time
(VDD = 20 Vdc, ID = 2.0 Adc,
VGS =45Vdc
tr
–
36
–
Turn–Off Delay Time
VGS = 4.5 Vdc,
RG = 6.0 Ω)
td(off)
–
27
–
Fall Time
RG 6.0 Ω)
tf
–
31
–
Gate Charge
QT
–
14
25
nC
(VDS = 20 Vdc, ID = 3.5 Adc,
Q1
–
1.8
–
(VDS 20 Vdc, ID 3.5 Adc,
VGS = 10 Vdc)
Q2
–
4.5
–
Q3
–
2.85
–
DRAIN SOURCE DIODE CHARACTERISTICS
Forward On–Voltage (Note 6.)
(IS = 1.7 Adc, VGS = 0 Vdc)
VSD
–
0.9
1.2
V
Reverse Recovery Time
trr
–
26.6
–
ns
(VGS =0V IS =35A
ta
–
18.8
–
(VGS = 0 V, IS = 3.5 A,
dIS/dt = 100 A/
µs)
tb
–
7.8
–
Reverse Recovery Stored
Charge
dIS/dt = 100 A/
µs)
QRR
–
0.03
–
µC
SCHOTTKY RECTIFIER ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Maximum Instantaneous Forward Voltage (Note 6.)
I
100
Ad
VF
TJ = 25°C
TJ = 125°C
Volts
g(
)
IF = 100 mAdc
IF = 3.0 Adc
IF = 6.0 Adc
0.28
0.42
0.50
0.13
0.33
0.45
Maximum Instantaneous Reverse Current (Note 6.)
V30 V
IR
TJ = 25°C
TJ = 125°C
mA
()
VR = 30 V
250
–
–
25
mA
Maximum Voltage Rate of Change
VR = 30 V
dV/dt
10,000
V/
ms
1. Negative signs for P–Channel device omitted for clarity.
6. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
7. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com