Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDFS3P303 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMDFS3P303
Description  Power MOSFET 3 Amps, 30 Volts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDFS3P303 Datasheet(HTML) 4 Page - ON Semiconductor

  MMDFS3P303 Datasheet HTML 1Page - ON Semiconductor MMDFS3P303 Datasheet HTML 2Page - ON Semiconductor MMDFS3P303 Datasheet HTML 3Page - ON Semiconductor MMDFS3P303 Datasheet HTML 4Page - ON Semiconductor MMDFS3P303 Datasheet HTML 5Page - ON Semiconductor MMDFS3P303 Datasheet HTML 6Page - ON Semiconductor MMDFS3P303 Datasheet HTML 7Page - ON Semiconductor MMDFS3P303 Datasheet HTML 8Page - ON Semiconductor MMDFS3P303 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MMDFS3P303
http://onsemi.com
4
TYPICAL FET ELECTRICAL CHARACTERISTICS
Figure 1. On–Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On–Resistance versus
Gate–To–Source Voltage
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
Figure 5. On–Resistance Variation with
Temperature
Figure 6. Drain–To–Source Leakage
Current versus Voltage
0
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
6.0
5.0
2.0
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
5.0
1.5
3.0
2.0
1.0
0
8.0
10
2.0
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
0.7
0.2
0.1
0
ID, DRAIN CURRENT (AMPS)
1.5
1.0
0.18
0.08
0.06
0.04
2.0
-25
25
-50
TJ, JUNCTION TEMPERATURE (°C)
1.2
0.4
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
5.0
30
0
1000
1.0
15
0
1.0
0
0.5
0.25
0.75
1.0
1.25
1.5
2.0
3.5
4.5
6.0
4.0
6.0
2.5
3.0
3.5
4.0
4.5
5.5
50
100
75
0.8
10
10
1.75
125
150
1.4
1.8
VGS = 10 V
ID = 1.5 A
VGS = 0 V
TJ = 125°C
100°C
TJ = 25°C
VGS = 4.5 V
10 V
TJ = 25°C
ID = 3.5 A
VDS ≥ 10 V
TJ = -55°C
100°C
25°C
TJ = 25°C
3.3 V
VGS = 2.7 V
4.5 V
5.0 V
2.0
4.0
3.0
3.5 V
100
20
25
4.0
5.0
3.0 V
3.7 V
4.0 V
6.0 V
0.3
0.4
0.5
0.6
2.5
3.0
4.0
5.0
0.14
0.12
0.10
0.16
0.6
1.0
1.6
10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com