Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLV3243EBJR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLV3243EBJR
Description  250 kbps minimum guaranteed data rate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLV3243EBJR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLV3243EBJR Datasheet HTML 3Page - STMicroelectronics STLV3243EBJR Datasheet HTML 4Page - STMicroelectronics STLV3243EBJR Datasheet HTML 5Page - STMicroelectronics STLV3243EBJR Datasheet HTML 6Page - STMicroelectronics STLV3243EBJR Datasheet HTML 7Page - STMicroelectronics STLV3243EBJR Datasheet HTML 8Page - STMicroelectronics STLV3243EBJR Datasheet HTML 9Page - STMicroelectronics STLV3243EBJR Datasheet HTML 10Page - STMicroelectronics STLV3243EBJR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STLV3243EB
Electrical characteristics
7/16
Table 10.
Auto-power-down electrical characteristics
(C1 - C4 = 0.1 µF, VCC = 2.3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified. Typical
values are referred to TA = 25 °C, FORCEON = GND, FORCEOFF = VCC)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VRITE
Receiver input threshold
to INVALID output voltage
HIGH (Figure 3)
Positive threshold
2.7
V
Negative threshold
2.7
V
VRITD
Receiver input threshold
to INVALID output voltage
LOW (Figure 3)
-0.3
0.3
V
VIOL
INVALID output voltage
LOW
IOUT = 1.6 mA
0.4
V
VIOH
INVALID output voltage
HIGH
IOUT = -1 mA
VCC-0.6
V
tWU
Receiver or transmitter
edge transmitter enabled
(Figure 3)
100
µs
tINVH
Receiver positive or
negative threshold to
INVALID HIGH (Figure 3)
0.2
µs
tINVL
Receiver positive or
negative threshold to
INVALID LOW (Figure 3)
30
µs
Table 11.
Transmitter electrical characteristics
(C1 - C4 = 0.1 µF, VCC = 2.3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified. Typical
values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTOUT
Output voltage swing
All transmitter outputs are loaded with
3 k
Ω to GND
VCC = 3.0 V
VCC = 2.3 V
± 3.7
± 4.4
± 3.9
V
ROUT
Output resistance
VCC = V+ = V- = 0 V, VOUT = ± 2 V
300
10M
Ω
ISC
Output short circuit
current
VCC = 3.3 V
± 40
± 60
mA
IL
Output leakage current
VCC = 0 to 5.5V, transmitter output =
±12 V, transmitter disabled
± 25
mA
VOT
Transmitter output voltage
T1IN = T2IN = GND,T3IN = VCC
T3OUT loaded with 3 k
Ω to GND
T1OUT and T2OUT loaded with 2.5
mA each
± 3.7
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com