Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLV3243EBJR Datasheet (PDF) - STMicroelectronics

STLV3243EBJR Datasheet PDF - STMicroelectronics
Part # STLV3243EBJR
Download  STLV3243EBJR Download
File Size   261.05 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 250 kbps minimum guaranteed data rate

STLV3243EBJR Datasheet (PDF)

Go To PDF Page Download Datasheet
STLV3243EBJR Datasheet PDF - STMicroelectronics

Part # STLV3243EBJR
Download  STLV3243EBJR Click to download

File Size   261.05 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 250 kbps minimum guaranteed data rate

STLV3243EBJR Datasheet (HTML) - STMicroelectronics


STLV3243EBJR Product details

Description
The STLV3243EB device consists of 3 drivers, 5 receivers and a dual charge-pump circuit. All transmitter outputs and receiver inputs are protected up to ±8 kV USING IEC 1000-4-2 contact discharge and ±15 kV using the human body model. The receiver R2 is always active to implement a wake-up feature for serial port. The device is guaranteed to run at data rates of 250 kbps while maintaining RS-562 output levels. The auto-power-down feature operates when FORCEON is low and FORCEOFF is high. During this operation mode, if the device does not sense a valid RS-562 signal, the driver outputs are disabled. If FORCEOFF is set low, both drivers and receivers (expert R2B) are shut off, and supply current is reduced to 1 µA. Disconnecting the serial port or turning off the peripheral drives causes the auto-power-down condition to occur. Auto-power-down can be disabled when FORCEON and FORCEOFF are high, and this should be done when driving a serial mouse. With auto-power-down enabled, the device is automatically activated when a valid signal is applied to any receiver input. Typical applications are notebooks, PDAs, smartphones, hand-held equipment, palmtop computers, peripherals, battery-powered equipment, and printers. Flip-Chip28

Features
■ ESD protection for RS-232 I/O pins: – ± 8 kV IEC 1000-4-2 contact discharge – ± 15 kV human body model
■ 1 mA supply current achieved when in auto- power-down
■ 250 kbps minimum guaranteed data rate
■ Guaranteed 6 V/ms slew rate range
■ Guaranteed mouse drive ability
■ 0.1 µF external capacitors
■ Meet EIA/TIA-562 specifications
■ Available in Flip-Chip28 package




Similar Part No. - STLV3243EBJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLV3243EBJR STMICROELECTRONICS-STLV3243EBJR Datasheet
480Kb / 13P
짹15KV ESD PROTECTED 2.3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
02-May-2005
More results


Similar Description - STLV3243EBJR

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0001YP SHARP-GP2W0001YP Datasheet
102Kb / 15P
IrDA Data Sheet 115 kbps Transceiver
logo
Level One
SK70704 LVL1-SK70704 Datasheet
3Mb / 40P
1168 kbps HDSL Data Pump Chip Set
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
Analog Devices
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
250/sec Yaw Rate Gyro
REV. 0
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
STMicroelectronics
ST3232EB STMICROELECTRONICS-ST3232EB Datasheet
810Kb / 19P
250 kbps minimum guaranteed data rate
08-Feb-2008
ST3243EB STMICROELECTRONICS-ST3243EB Datasheet
633Kb / 16P
Guaranteed 6 V/ms slew rate range
16-Oct-2009
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
Maxim Integrated Produc...
MAX13035EEVKIT MAXIM-MAX13035EEVKIT Datasheet
389Kb / 7P
100Mbps Guaranteed Data Rates
Rev 2; 12/20
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com