Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS9637 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLVDS9637
Description  OPERATES WITH A SINGLE 3.3V SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS9637 Datasheet(HTML) 2 Page - STMicroelectronics

  STLVDS9637 Datasheet HTML 1Page - STMicroelectronics STLVDS9637 Datasheet HTML 2Page - STMicroelectronics STLVDS9637 Datasheet HTML 3Page - STMicroelectronics STLVDS9637 Datasheet HTML 4Page - STMicroelectronics STLVDS9637 Datasheet HTML 5Page - STMicroelectronics STLVDS9637 Datasheet HTML 6Page - STMicroelectronics STLVDS9637 Datasheet HTML 7Page - STMicroelectronics STLVDS9637 Datasheet HTML 8Page - STMicroelectronics STLVDS9637 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STLVDS9637
2/10
PIN CONFIGURATION
PIN DESCRIPTION
LOGIC DIAGRAM AND LOGIC SYMBOL
TRUTH TABLE
L = Low level, H = High Level, X = Don’t care, Z = High Impedance, ? = Indeterminate
PlN N°
SYMBOL
NAME AND FUNCTION
2, 3
1Y to 2Y
Receiver Outputs
5, 7
1B to 2B
Negated Receiver Inputs
6, 8
1A to 2A
Receiver Inputs
4
GND
Ground
1
VCC
Supply Voltage
DIFFERENTIAL INPUTS
OUTPUT
A, B
Y
VID ≥ 100mV
H
-100mV < VID < 100mV
?
VID ≤ -100mV
L
OPEN
H



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com