Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS9637 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLVDS9637
Description  OPERATES WITH A SINGLE 3.3V SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS9637 Datasheet(HTML) 3 Page - STMicroelectronics

  STLVDS9637 Datasheet HTML 1Page - STMicroelectronics STLVDS9637 Datasheet HTML 2Page - STMicroelectronics STLVDS9637 Datasheet HTML 3Page - STMicroelectronics STLVDS9637 Datasheet HTML 4Page - STMicroelectronics STLVDS9637 Datasheet HTML 5Page - STMicroelectronics STLVDS9637 Datasheet HTML 6Page - STMicroelectronics STLVDS9637 Datasheet HTML 7Page - STMicroelectronics STLVDS9637 Datasheet HTML 8Page - STMicroelectronics STLVDS9637 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STLVDS9637
3/10
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Note 1: All voltages except differential I/O bus voltage, are with respect to the network ground terminal.
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS (Over recommended operating conditions unless otherwise noted.
All typical values are at TA = 25°C, and VCC =3.3V)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (Note 1)
-0.5 to 4.6
V
VI
Input Voltage
-0.5 to (VCC + 0.5)
V
VI
Input Voltage (A or B inputs)
-0.5 to 4.6
V
ESD
Human Body Model
Pins Receivers
7
KV
All Pins vs GND
3
Tstg
Storage Temperature Range
-65 to +150
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
VIH
HIGH Level Input Voltage (ENABLE)
2.0
V
VIL
LOW Level Input Voltage (ENABLE)
0.8
V
|VID|
Magnitude of Differential Input Voltage
0.1
0.6
V
VIC
Common Mode Input Voltage
0.5|VID|
2.4-0.5|VID|V
VCC - 0.8
TA
Operating Temperature Range
-40
85
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VITH+
Positive Going Differential
Input Voltage Threshold
100
mV
VITH-
Negative Going Differential
Input Voltage Threshold
-100
mV
VOH
High Level Output Voltage
IOH = -8mA
2.4
V
IOH = -4mA
2.8
VOL
Low Level Output Voltage
IOH = 8mA
0.4
V
ICC
Supply Current
No Load
4
10
mA
II
Input Current (A or B inputs) VI = 0V
-2
-10
-20
µA
VI = 2.4V
-1.2
-3
II(OFF)
Power off Input Current (A
or B inputs)
VCC =0
VI = 3.6V
10
20
µA
IIH
High Level Input Current
(EN, G, G or Inputs)
VIH =2V
10
µA
IIL
Low Level Input Current
(EN, G, G or Inputs)
VIL = 0.8V
10
µA
IOZ
High Impedance Output
Current
VO = 0 or VCC
± 10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com