Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03AS Datasheet(PDF) 7 Page - STMicroelectronics

Part # STOD03AS
Description  Dual DC-DC converter for powering AMOLED displays
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03AS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STOD03AS Datasheet HTML 3Page - STMicroelectronics STOD03AS Datasheet HTML 4Page - STMicroelectronics STOD03AS Datasheet HTML 5Page - STMicroelectronics STOD03AS Datasheet HTML 6Page - STMicroelectronics STOD03AS Datasheet HTML 7Page - STMicroelectronics STOD03AS Datasheet HTML 8Page - STMicroelectronics STOD03AS Datasheet HTML 9Page - STMicroelectronics STOD03AS Datasheet HTML 10Page - STMicroelectronics STOD03AS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DocID022614 Rev 2
7/25
STOD03AS
Maximum ratings
25
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VINA, VINP
DC supply voltage
-0.3 to 6
V
EN, SWIRE
Logic input pins
-0.3 to 4.6
V
ILX2
Inverting converter switching current
Internally limited
A
LX2
Inverting converter switching node voltage
- 10 to VINP + 0.3
V
VO2
Inverting converter output voltage
- 10 to AGND + 0.3
V
VMID
Step-up converter and LDO output voltage
-0.3 to 6
V
LX1
Step-up converter switching node voltage
-0.3 to VMID + 0.3
V
ILX1
Step-up converter switching current
Internally limited
A
VREF
Reference voltage
-0.3 to 3
V
PD
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
-65 to 150
°C
TJ
Maximum junction temperature
150
°C
ESD
ESD protection HBM
2
kV
Table 5. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
48.8
°C/W
RthJC
Thermal resistance junction-case (FR-4 PCB) (1)
2.6
°C/W
1.
The package is mounted on a 4-layer (2S2P) JEDEC board as per JESD51-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com