Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03AS Datasheet (PDF) - STMicroelectronics

STOD03AS Datasheet PDF - STMicroelectronics
Part # STOD03AS
Download  STOD03AS Download
File Size   696.18 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual DC-DC converter for powering AMOLED displays

STOD03AS Datasheet (PDF)

Go To PDF Page Download Datasheet
STOD03AS Datasheet PDF - STMicroelectronics

Part # STOD03AS
Download  STOD03AS Click to download

File Size   696.18 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual DC-DC converter for powering AMOLED displays

STOD03AS Datasheet (HTML) - STMicroelectronics


STOD03AS Product details

Description
The STOD03AS is a dual DC-DC converter with short-circuit protection for AMOLED display panels. It integrates a step-up and an inverting DC-DC converter making it particularly suitable for battery operated products, in which the major concern is overall system efficiency. It works in pulse skipping mode during light load conditions and PWM-MODE at 1.5 MHz frequency for medium/high load conditions. The high frequency allows the value and size of external components to be reduced. The Enable pin allows the device to be turned off, therefore reducing the current consumption to less than 1 µA. The negative output voltage can be programmed by an MCU through a dedicated pin which implements singlewire protocol. Soft-start with controlled inrush current limit and thermal shutdown are integrated functions of the device. DFN12L (3 x 3 mm)

Features
■ Step-up and inverter converters
■ Operating input voltage range from 2.5 V to 4.5 V
■ Synchronous rectification for both DC-DC converters
■ Minimum 200 mA output current
■ 4.6 V fixed positive output voltage
■ Programmable negative voltage by SWIRE from -2.4 V to -5.4 V at 100 mV steps
■ Typical efficiency: 85%
■ Pulse skipping mode in light load condition
■ 1.5 MHz PWM mode control switching frequency
■ Enable pin for shutdown mode
■ Low quiescent current in shutdown mode
■ Soft-start with inrush current protection
■ Overtemperature protection
■ Temperature range: -40 °C to 85 °C
■ True-shutdown mode
■ Fast discharge outputs of the circuits after shutdown
■ Short-circuit protection

Applications
■ Active matrix AMOLED power supply
■ Cellular phones
■ Camcorders and digital still cameras
■ Multimedia players




Similar Part No. - STOD03AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
Dual DC-DC converter for powering AMOLED displays
20-Dec-2011
More results


Similar Description - STOD03AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
Dual DC-DC converter for powering AMOLED displays
20-Dec-2011
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD02PUR STMICROELECTRONICS-STOD02PUR Datasheet
1Mb / 23P
Dual DC-DC converter for powering AMOLED display
30-Jun-2009
UM0613 STMICROELECTRONICS-UM0613 Datasheet
457Kb / 11P
Dual DC-DC converter for powering an AMOLED display
30-Nov-2010
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD14 STMICROELECTRONICS-STOD14 Datasheet
699Kb / 22P
700 mA dual DC-DC converter for powering AMOLED displays
16-Aug-2012
STOD30 STMICROELECTRONICS-STOD30 Datasheet
239Kb / 8P
300 mA triple DC-DC converter for powering AMOLED display
07-Jan-2014
STOD32A STMICROELECTRONICS-STOD32A Datasheet
276Kb / 9P
300 mA triple DC-DC converter for powering AMOLED displays
16-Jul-2014
STOD32W STMICROELECTRONICS-STOD32W Datasheet
245Kb / 7P
100 mA triple DC-DC converter for powering AMOLED displays
04-Jun-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com