Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD32W Datasheet (PDF) - STMicroelectronics

STOD32W Datasheet PDF - STMicroelectronics
Part # STOD32W
Download  STOD32W Download
File Size   245.05 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 mA triple DC-DC converter for powering AMOLED displays

STOD32W Datasheet (PDF)

Go To PDF Page Download Datasheet
STOD32W Datasheet PDF - STMicroelectronics

Part # STOD32W
Download  STOD32W Click to download

File Size   245.05 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 mA triple DC-DC converter for powering AMOLED displays

STOD32W Datasheet (HTML) - STMicroelectronics


STOD32W Product details

Description
The STOD32W is a triple DC-DC converter for AMOLED display panels. It integrates a step-up of 100 mA, inverting DC-DC converters and an auxiliary step-up converter. This device is particularly suitable for battery operated products, in which the major concern is the overall system efficiency. All three output voltages can be programmed by a dedicated pin, which implements SWIRE protocol.The auxiliary step-up positive output voltage is also configured by an external pull-down resistor. Soft-start with controlled inrush current limit, thermal shutdown and short-circuit protection are integrated functions of the device. Flip Chip 12 (1.618x1.710 mm)

Features
■ Operating input voltage range from 2.9 V to 4.5 V
■ 100 mA output current for step-up converters (VIN > 2.9 V)
■ 55 mA output current for auxiliary step-up converters (VIN > 2.9 V)
■ Step-up converter fixed at 4.6 V positive voltage
■ Programmable negative voltage from - 0.8 V to
■ 4.6 V default -3.0 V
■ Auxiliary step-up converter positive voltage programmable step from 6.6 V to 7.6 V default 7.0 V
■ Soft-start with inrush current protection
■ Overtemperature protection
■ True-shutdown mode
■ Short-circuit protection

Applications
■ Active matrix OLED power supply in portable devices
■ Cellular phones, multimedia players, camcorders and digital cameras




Similar Part No. - STOD32W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD32A STMICROELECTRONICS-STOD32A Datasheet
276Kb / 9P
300 mA triple DC-DC converter for powering AMOLED displays
16-Jul-2014
STOD32ATPQR STMICROELECTRONICS-STOD32ATPQR Datasheet
276Kb / 9P
300 mA triple DC-DC converter for powering AMOLED displays
16-Jul-2014
More results


Similar Description - STOD32W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
Dual DC-DC converter for powering AMOLED displays
20-Dec-2011
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD02PUR STMICROELECTRONICS-STOD02PUR Datasheet
1Mb / 23P
Dual DC-DC converter for powering AMOLED display
30-Jun-2009
UM0613 STMICROELECTRONICS-UM0613 Datasheet
457Kb / 11P
Dual DC-DC converter for powering an AMOLED display
30-Nov-2010
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD03AS STMICROELECTRONICS-STOD03AS Datasheet
696Kb / 25P
Dual DC-DC converter for powering AMOLED displays
28-Jul-2013
STOD14 STMICROELECTRONICS-STOD14 Datasheet
699Kb / 22P
700 mA dual DC-DC converter for powering AMOLED displays
16-Aug-2012
STOD30 STMICROELECTRONICS-STOD30 Datasheet
239Kb / 8P
300 mA triple DC-DC converter for powering AMOLED display
07-Jan-2014
STOD32A STMICROELECTRONICS-STOD32A Datasheet
276Kb / 9P
300 mA triple DC-DC converter for powering AMOLED displays
16-Jul-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com