Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD32W Datasheet(PDF) 1 Page - STMicroelectronics

Part # STOD32W
Description  100 mA triple DC-DC converter for powering AMOLED displays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD32W Datasheet(HTML) 1 Page - STMicroelectronics

  STOD32W Datasheet HTML 1Page - STMicroelectronics STOD32W Datasheet HTML 2Page - STMicroelectronics STOD32W Datasheet HTML 3Page - STMicroelectronics STOD32W Datasheet HTML 4Page - STMicroelectronics STOD32W Datasheet HTML 5Page - STMicroelectronics STOD32W Datasheet HTML 6Page - STMicroelectronics STOD32W Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For further information contact your local STMicroelectronics sales office.
June 2014
DocID026451 Rev 1
1/7
7
STOD32W
100 mA triple DC-DC converter for powering AMOLED displays
Data brief
Features
• Operating input voltage range from 2.9 V to
4.5 V
• 100 mA output current for step-up converters
(VIN > 2.9 V)
• 55 mA output current for auxiliary step-up
converters (VIN > 2.9 V)
• Step-up converter fixed at 4.6 V positive
voltage
• Programmable negative voltage from - 0.8 V to
- 4.6 V default -3.0 V
• Auxiliary step-up converter positive voltage
programmable step from 6.6 V to 7.6 V default
7.0 V
• Soft-start with inrush current protection
• Overtemperature protection
• True-shutdown mode
• Short-circuit protection
• Package Flip Chip 12 bumps
(1.618x1.710 mm), 0.4 mm pitch
Applications
• Active matrix OLED power supply in portable
devices
• Cellular phones, multimedia players,
camcorders and digital cameras
Description
The STOD32W is a triple DC-DC converter for
AMOLED display panels. It integrates a step-up of
100 mA, inverting DC-DC converters and an
auxiliary step-up converter. This device is
particularly suitable for battery operated products,
in which the major concern is the overall system
efficiency. All three output voltages can be
programmed by a dedicated pin, which
implements SWIRE protocol.The auxiliary step-up
positive output voltage is also configured by an
external pull-down resistor. Soft-start with
controlled inrush current limit, thermal shutdown
and short-circuit protection are integrated
functions of the device.
Flip Chip 12 (1.618x1.710 mm)
Table 1. Device summary
Order code
Negative voltage
Auxiliary positive
voltage
Package
Packaging
STOD32WJR
-0.8 to -4.6 V
6.6 to 7.6 V
Flip Chip 12
(1.618x1.710 mm)
5000 parts per reel
www.st.com


Similar Part No. - STOD32W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD32A STMICROELECTRONICS-STOD32A Datasheet
276Kb / 9P
300 mA triple DC-DC converter for powering AMOLED displays
16-Jul-2014
STOD32ATPQR STMICROELECTRONICS-STOD32ATPQR Datasheet
276Kb / 9P
300 mA triple DC-DC converter for powering AMOLED displays
16-Jul-2014
More results

Similar Description - STOD32W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
Dual DC-DC converter for powering AMOLED displays
20-Dec-2011
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD02PUR STMICROELECTRONICS-STOD02PUR Datasheet
1Mb / 23P
Dual DC-DC converter for powering AMOLED display
30-Jun-2009
UM0613 STMICROELECTRONICS-UM0613 Datasheet
457Kb / 11P
Dual DC-DC converter for powering an AMOLED display
30-Nov-2010
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD03AS STMICROELECTRONICS-STOD03AS Datasheet
696Kb / 25P
Dual DC-DC converter for powering AMOLED displays
28-Jul-2013
STOD14 STMICROELECTRONICS-STOD14 Datasheet
699Kb / 22P
700 mA dual DC-DC converter for powering AMOLED displays
16-Aug-2012
STOD30 STMICROELECTRONICS-STOD30 Datasheet
239Kb / 8P
300 mA triple DC-DC converter for powering AMOLED display
07-Jan-2014
STOD32A STMICROELECTRONICS-STOD32A Datasheet
276Kb / 9P
300 mA triple DC-DC converter for powering AMOLED displays
16-Jul-2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com