Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13AM Datasheet(PDF) 19 Page - STMicroelectronics

Part # STOD13AM
Description  Step-up and inverter converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13AM Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STOD13AM Datasheet HTML 15Page - STMicroelectronics STOD13AM Datasheet HTML 16Page - STMicroelectronics STOD13AM Datasheet HTML 17Page - STMicroelectronics STOD13AM Datasheet HTML 18Page - STMicroelectronics STOD13AM Datasheet HTML 19Page - STMicroelectronics STOD13AM Datasheet HTML 20Page - STMicroelectronics STOD13AM Datasheet HTML 21Page - STMicroelectronics STOD13AM Datasheet HTML 22Page - STMicroelectronics STOD13AM Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
STOD13AM
Detailed description
Doc ID 023747 Rev 1
19/25
8.1.11
Short-circuit protection (SCP)
When short-circuit occurs, the device is able to detect the voltage difference between VIN
and VOUT. Overshoots are limited, decreasing the inductor current. After that, the output
stages of the device are turned off. This status is maintained, avoiding current flowing to the
load. A new ENABLE transition is needed to restart the device. During startup the short-
circuit protection is active.
8.1.12
Fast discharge
When ENABLE turns from high to low level, the device goes into shutdown mode and LX1
and LX2 stop switching. If the FD pin is low, a resistor of about 400
Ω is connected between
VMID and VO2 to discharge quickly CMID and CO2 capacitors, lowering by about 10 ms the
differential output voltage (VMID-VO2) below 10% of nominal value. When the output
voltages are discharged to 0 V, the switches turn off and the outputs are high impedance.
When the FD pin is high, the fast discharge after shutdown is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com