Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13AM Datasheet(PDF) 4 Page - STMicroelectronics

Part # STOD13AM
Description  Step-up and inverter converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13AM Datasheet(HTML) 4 Page - STMicroelectronics

  STOD13AM Datasheet HTML 1Page - STMicroelectronics STOD13AM Datasheet HTML 2Page - STMicroelectronics STOD13AM Datasheet HTML 3Page - STMicroelectronics STOD13AM Datasheet HTML 4Page - STMicroelectronics STOD13AM Datasheet HTML 5Page - STMicroelectronics STOD13AM Datasheet HTML 6Page - STMicroelectronics STOD13AM Datasheet HTML 7Page - STMicroelectronics STOD13AM Datasheet HTML 8Page - STMicroelectronics STOD13AM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Schematic
STOD13AM
4/25
Doc ID 023747 Rev 1
1
Schematic
Figure 1.
Application schematic
STOD13AM
VO2
LX1
VINA
S-WIRE
EN
VREF
VMID
CMID
CO2
LX2
VINP
CIN
CREF
L2
PGND
AGND
VBAT
FD
L1
AM12788v1
S-WIRE
EN
FD
Table 2.
Typical external components
Comp.
Manufacturer
Part number
Value
Size
Ratings
L1
(1)
CoilCraft
Murata
LPS4012-472ML
LQH3NPN4R7MM0
4.7 µH
4.0 x 4.0 x 1.2
3.0 x 3.0 x 1.5
±20%, I = 1.7A, R = 0.175
Ω
±20%, I = 1.25A, R = 0.13
Ω
L2
(2)
CoilCraft
Murata
LPS4012-472ML
LQH3NPN4R7MM0
4.7 µH
4.0 x 4.0 x 1.2
3.0 x 3.0 x 1.5
±20%, I = 1.7A, R = 0.175
Ω
±20%, I = 1.25A, R = 0.13
Ω
CIN
Murata
GRM219R61A106KE44
2 x 10 µF
0805
±10%, X5R, 10 V
CMID
Murata
GRM219R61A106KE44
10 µF
0805
±10%, X5R, 10 V
CO2
Murata
GRM219R61A106KE44
2 x 10 µF
0805
±10%, X5R, 10 V
CREF
Murata
GRM185R60J105KE26
1 µF
0603
±10%, X5R, 6.3 V
1.
A 250 mA load can be provided with inductor saturation current as a minimum of 0.9 A.
2.
At - 5.4 V, a 250 mA load can be provided with inductor saturation current as a minimum of 1.4 A. See
Section 7.1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com