Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD14PUR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STOD14PUR
Description  700 mA dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD14PUR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STOD14PUR Datasheet HTML 9Page - STMicroelectronics STOD14PUR Datasheet HTML 10Page - STMicroelectronics STOD14PUR Datasheet HTML 11Page - STMicroelectronics STOD14PUR Datasheet HTML 12Page - STMicroelectronics STOD14PUR Datasheet HTML 13Page - STMicroelectronics STOD14PUR Datasheet HTML 14Page - STMicroelectronics STOD14PUR Datasheet HTML 15Page - STMicroelectronics STOD14PUR Datasheet HTML 16Page - STMicroelectronics STOD14PUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
STOD14
Detailed description
Doc ID 023562 Rev 1
13/22
7
Detailed description
The STOD14 is a high efficiency dual DC-DC converter which integrates a step-down and
inverting power stage suitable for supplying AMOLED panels.
Thanks to the high level of integration it needs only 6 external components to operate and it
achieves very high efficiency using a synchronous rectification technique for both the DC-
DC converters.
The controller uses an average current mode technique in order to obtain good stability and
precise voltage regulation in all possible conditions of input voltage, output voltage and
output current. In addition, the peak inductor current is monitored in order to avoid inductor
saturation.
The STOD14 avoids battery leakage thanks to the true-shutdown feature and it is self
protected from overtemperature. Undervoltage lockout and soft-start guarantee proper
operation during startup.
7.1
Mode of operation
To guarantee the minimal output voltage ripple, the device works just in continuous
conduction mode (CCM). In this mode, reverse current pulses flowing back to the power
supply can appear, especially at low load.
7.2
Enable pin
The device operates when the Enable pin is set high. If the Enable pin is set low, the device
stops switching, and all the internal blocks are turned off. In addition, the internal switches
are in an OFF state so the load is electrically disconnected from the input. This avoids
unwanted current leakage from the input to the load.
When the EN is pulled high, the P1 switch is turned on for 100 µs. In normal operation,
during this time, apart of a small drop due to parasitic resistance, VO1 reaches VIN. After 100
µs, if VO1 stays below VIN, the P1 is turned off and stays off until a new pulse is applied to
EN. This mechanism avoids the device starting if a short-circuit is present on VO1.
7.3
Soft-start and inrush current limiting
As a first step, the CO1 capacitor is charged, the P1 switch implements a current limiting
technique in order to keep the charge current below 400 mA. This avoids battery
overloading during startup.
After VO1 reaches VINP voltage level, the P1 switch is fully turned on and the soft-start
procedure for the step-down is started.
After around 2 ms the soft-start for the inverting is started. The positive and negative voltage
is under regulation around 6 ms after the Enable pin is asserted high.
7.4
Startup sequence
After the Enable pin is pulled high, or after a suitable voltage is applied to VINP, VINA and the
Enable pin, the device begins the startup phase. The positive and negative voltages are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com