Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD14PUR Datasheet (PDF) - STMicroelectronics

STOD14PUR Datasheet PDF - STMicroelectronics
Part # STOD14PUR
Download  STOD14PUR Download
File Size   699.45 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 700 mA dual DC-DC converter for powering AMOLED displays

STOD14PUR Datasheet (PDF)

Go To PDF Page Download Datasheet
STOD14PUR Datasheet PDF - STMicroelectronics

Part # STOD14PUR
Download  STOD14PUR Click to download

File Size   699.45 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 700 mA dual DC-DC converter for powering AMOLED displays

STOD14PUR Datasheet (HTML) - STMicroelectronics


STOD14PUR Product details

Description
The STOD14 is a dual channel DC-DC converter driver for medium-sized AMOLED display panels. It integrates a step-down and an inverting converter in a compact IC design. The excellent efficiency makes it particularly suitable for battery operated products. The high frequency operation allows the value and size of external components to be reduced. The positive output voltage is fixed at 4.6 V with very high current capability and is generated using a buck converter. The negative output is programmable by an external MCU through a dedicated pin which implements single-wire protocol, with values from - 2.4 to - 6.0 V. Soft-start with controlled inrush current limit, load disconnect and thermal shutdown are integrated functions of the device. DFN12L (4 x 4 mm)

Features
■ Step-down and inverter converters
■ Operating input voltage range from 6 V to 13 V
■ Synchronous rectification for both converters
■ 700 mA output current
■ Fixed positive voltage 4.6 V
■ Programmable negative voltage by SWIRE from
■ 2.4 V to - 6.0 V
■ Typical efficiency 85%
■ PWM mode controller @ 1.6 MHz switching frequency
■ Enable pin for shutdown mode
■ Low quiescent current in shutdown mode
■ Soft-start with inrush current protection
■ Short-circuit protection on positive output
■ Overtemperature protection
■ Temperature range - 40 °C to 85 °C
■ True shutdown mode
■ Fast output discharge after shutdown

Applications
■ Digital photo frames
■ Ultra mobile PCs
■ Mobile Internet devices
■ Digital still cameras / camcorders
■ Portable media players / DVD players




Similar Part No. - STOD14PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
Step-up and inverting DC-DC converter
31-Aug-2007
STOD1412PUR STMICROELECTRONICS-STOD1412PUR Datasheet
532Kb / 21P
Step-up and inverting DC-DC converter
31-Aug-2007
More results


Similar Description - STOD14PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
Dual DC-DC converter for powering AMOLED displays
20-Dec-2011
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD02PUR STMICROELECTRONICS-STOD02PUR Datasheet
1Mb / 23P
Dual DC-DC converter for powering AMOLED display
30-Jun-2009
UM0613 STMICROELECTRONICS-UM0613 Datasheet
457Kb / 11P
Dual DC-DC converter for powering an AMOLED display
30-Nov-2010
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD03AS STMICROELECTRONICS-STOD03AS Datasheet
696Kb / 25P
Dual DC-DC converter for powering AMOLED displays
28-Jul-2013
STOD30 STMICROELECTRONICS-STOD30 Datasheet
239Kb / 8P
300 mA triple DC-DC converter for powering AMOLED display
07-Jan-2014
STOD32A STMICROELECTRONICS-STOD32A Datasheet
276Kb / 9P
300 mA triple DC-DC converter for powering AMOLED displays
16-Jul-2014
STOD32W STMICROELECTRONICS-STOD32W Datasheet
245Kb / 7P
100 mA triple DC-DC converter for powering AMOLED displays
04-Jun-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com