Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA008 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPA008
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPA008 Datasheet HTML 5Page - STMicroelectronics STPA008 Datasheet HTML 6Page - STMicroelectronics STPA008 Datasheet HTML 7Page - STMicroelectronics STPA008 Datasheet HTML 8Page - STMicroelectronics STPA008 Datasheet HTML 9Page - STMicroelectronics STPA008 Datasheet HTML 10Page - STMicroelectronics STPA008 Datasheet HTML 11Page - STMicroelectronics STPA008 Datasheet HTML 12Page - STMicroelectronics STPA008 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
DocID027887 Rev 2
9/29
STPA008
Pin description
28
2.2
Pin functions
Table 2. Pin functions
Pin number
FW27
Pin number
FW25
Pin name
Description
1
1
TAB
Device slug connection
2
25
OD
Offset detector output
3
2
PW-GND2
Channel 2, power ground
4
3
OUT2-
Channel 2, negative output
5
4
ST-BY
Stand-by
6
5
OUT2+
Channel 2, positive output
7
6
VCC
Supply voltage
8
7
OUT1-
Channel 1, negative output
9
8
PW-GND1
Channel 1, power ground
10
9
OUT1+
Channel 1, positive output
11
10
SVR
Supply voltage rejection pin
12
11
IN1
Channel 1, input
13
12
IN2
Channel 2, input
14
13
S-GND
Signal ground
15
14
IN4
Channel 4, input
16
15
IN3
Channel 3, input
17
16
AC-GND
AC ground
18
17
OUT3+
Channel 3, positive output
19
18
PW-GND3
Channel 3, power ground
20
19
OUT3-
Channel 3, negative output
21
20
VCC
Supply voltage
22
21
OUT4+
Channel 4, positive output
23
22
MUTE
Mute pin
24
23
OUT4-
Channel 4, negative output
25
24
PW-GND4
Channel 4, power ground
26
n.a
CD-DIAG
Clipping detector and diagnostics output
27
n.a
TAB
Device slug connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com