Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA008 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPA008
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008 Datasheet(HTML) 1 Page - STMicroelectronics

  STPA008 Datasheet HTML 1Page - STMicroelectronics STPA008 Datasheet HTML 2Page - STMicroelectronics STPA008 Datasheet HTML 3Page - STMicroelectronics STPA008 Datasheet HTML 4Page - STMicroelectronics STPA008 Datasheet HTML 5Page - STMicroelectronics STPA008 Datasheet HTML 6Page - STMicroelectronics STPA008 Datasheet HTML 7Page - STMicroelectronics STPA008 Datasheet HTML 8Page - STMicroelectronics STPA008 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
This is information on a product in full production.
July 2015
DocID027887 Rev 2
1/29
STPA008
4 x 50 W MOSFET quad bridge power amplifier
Datasheet
- production data
Features
 High output power capability:
– 4 x 50 W/4 Ω Max.
– 4 x 28 W/4 Ω @ 14.4 V, 1 kHz, 10 %
– 4 x 72 W/2 Ω Max.
 MOSFET output power stage
 2 Ω driving capability
 Capable to operate down to 6 V (suitable for
start-stop car operation)
 Excellent GSM noise immunity
 Hi-Fi class distortion
 Low output noise
 High immunity to RF noise injection
 Standby function
 Mute function
 Automute at min. supply voltage detection
 Low external component count
 Internally fixed gain (26 dB)
 Protections:
– Output short circuit to GND, to Vs, across
the load
– Very inductive loads
– Overrating chip temperature with soft
thermal limiter
– Output DC offset detection
– Load dump
– Fortuitous open GND
– Reversed battery
– ESD
 Qualification in accordance to AEC Q100
standard
Description
STPA008 is a breakthrough MOSFET technology
class AB audio power amplifier designed for high
power car radio. The fully complementary
P-Channel/N-Channel output structure allows a
rail to rail output voltage swing which, combined
with high output current and minimized saturation
losses sets new power references in the car-radio
field, with unparalleled distortion performances.
STPA008 can operate down to 6V and this makes
the IC compliant to the most recent OEM
specifications for low voltage operation (so called
'start-stop' battery profile during engine stop),
helping car manufacturers to reduce the overall
emissions and thus contributing to environment
protection.
Table 1. Device summary
Order code
Package
Packing
STPA008-4WX
Flexiwatt25
(vertical)
Tube
STPA008-QIX
Flexiwatt25
(horizontal)
Tube
STPA008-48X
Flexiwatt27
Tube
www.st.com


Similar Part No. - STPA008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPA008-ZST STMICROELECTRONICS-STPA008-ZST Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
More results

Similar Description - STPA008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7850 STMICROELECTRONICS-TDA7850 Datasheet
420Kb / 18P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7850A STMICROELECTRONICS-TDA7850A Datasheet
275Kb / 16P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7854 STMICROELECTRONICS-TDA7854 Datasheet
167Kb / 12P
4 x 47W MOSFET quad bridge power amplifier
04-Oct-2007
TDA7851F STMICROELECTRONICS-TDA7851F Datasheet
446Kb / 18P
4 48 W MOSFET quad bridge power amplifier
05-Feb-2016
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
4 x 41 W quad bridge car radio amplifier
18-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com