Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7611 Datasheet(PDF) 13 Page - Exar Corporation

Part # MP7611
Description  Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7611 Datasheet(HTML) 13 Page - Exar Corporation

Back Button MP7611 Datasheet HTML 8Page - Exar Corporation MP7611 Datasheet HTML 9Page - Exar Corporation MP7611 Datasheet HTML 10Page - Exar Corporation MP7611 Datasheet HTML 11Page - Exar Corporation MP7611 Datasheet HTML 12Page - Exar Corporation MP7611 Datasheet HTML 13Page - Exar Corporation MP7611 Datasheet HTML 14Page - Exar Corporation MP7611 Datasheet HTML 15Page - Exar Corporation MP7611 Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP7611
Rev. 3.01
13
MP7610
Family
VOUT
5k
500pF
CL
50
VO
I
2mA
CL = 500pF, 5nF, 50nF, 500nF
Figure 6. Circuit for Determining Typical Analog Output Pulse Response
Graph 9. Typical Response of the MP7610 Family Analog Output to
a Current Pulse with CL=500pF, 5nF, 50nF, 500nF
(See Figure 9. above)
2.0mA
0.0
400mV
--400mV
200mV
--200mV
0s
1.0ms
2.0ms
3.0ms
4.0ms
5.0ms
6.0ms
CL = 500pF
CL = 5nF
CL = 50nF
CL = 500nF
I
VO
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com