Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7611 Datasheet(PDF) 11 Page - Exar Corporation

Part # MP7611
Description  Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7611 Datasheet(HTML) 11 Page - Exar Corporation

Back Button MP7611 Datasheet HTML 7Page - Exar Corporation MP7611 Datasheet HTML 8Page - Exar Corporation MP7611 Datasheet HTML 9Page - Exar Corporation MP7611 Datasheet HTML 10Page - Exar Corporation MP7611 Datasheet HTML 11Page - Exar Corporation MP7611 Datasheet HTML 12Page - Exar Corporation MP7611 Datasheet HTML 13Page - Exar Corporation MP7611 Datasheet HTML 14Page - Exar Corporation MP7611 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP7611
Rev. 3.01
11
PERFORMANCE CHARACTERISTICS
Graph 1. Typical Output Settling Characteristic
VREF = 5 V, RL = 5K, CL = 500pF
11 V
0 V
--11 V
2.5mV
0 V
--2.5mV
VOUT
VOUT Settling
50ms/Division
Graph 1 shows the typical output settling characteristic of the MP7610 Family for a RESET !ZS!FS!ZS series of code
transitions. The top graph shows the output voltage transients, while the bottom graph shows the difference between the output
and the ideal output.
Graph 2. Linearity with
VREF = 5 V, All DACs, All Codes
0
16384
4
--4
CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com