Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7626KP Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7626KP
Description  Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7626KP Datasheet(HTML) 1 Page - Exar Corporation

  MP7626KP Datasheet HTML 1Page - Exar Corporation MP7626KP Datasheet HTML 2Page - Exar Corporation MP7626KP Datasheet HTML 3Page - Exar Corporation MP7626KP Datasheet HTML 4Page - Exar Corporation MP7626KP Datasheet HTML 5Page - Exar Corporation MP7626KP Datasheet HTML 6Page - Exar Corporation MP7626KP Datasheet HTML 7Page - Exar Corporation MP7626KP Datasheet HTML 8Page - Exar Corporation MP7626KP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP7626
1
Rev. 2.00
FEATURES
• Four Quadrant Multiplication
• 16-Bit Monotonicity
• Low Power Consumption
• TTL/5 V CMOS Compatible
• Single-Buffered or Transparent Data inputs
• Decoded DAC Approach
• Latch-Up Free
• 8-Bit Bus Version: MP7636A
Microprocessor Compatible
Buffered Multiplying 16-Bit
Digital-to-Analog Converter
APPLICATIONS
• Digitally Programmable References
• Programmable Audio Attenuator
• High Accuracy Process Control Systems
• Automatic Test Equipment
• Easy Interface to 8 and 16-Bit
Microprocessor Buses
GENERAL DESCRIPTION
The MP7626 is a CMOS 16-bit Digital-to-Analog Converter
(DAC) that is manufactured using advanced thin film resistors
on a double metal CMOS process. It incorporates a unique bit
decoding technique yielding lower glitch, higher speed and
excellent accuracy over temperature and time. 16 bit differential
non-linearity is achieved with minimal trimming.
Two 8-bit latches (MSB latch and LSB latch) hold the 16-bit
data which are converted by the DAC. A 16-bit bus can load
both latches in one cycle. An 8-bit bus loads one latch at a time.
By making the latches transparent (MSB latch = LSB latch =
High) the DAC will continuously convert the BIT1 - BIT16 inputs.
SIMPLIFIED BLOCK AND TIMING DIAGRAM
D
E
Q
D
E
Q
DB15-DB8
GND
8
16
DATA
8
16
16-Bit
Multiplying
DAC
MSB Latch
DB7-DB0
LSB Latch
Latch
Latch
LATCH
OUTPUT
VDD
VREF
RFB
IOUT1
IOUT2


Similar Part No. - MP7626KP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7628 EXAR-MP7628 Datasheet
124Kb / 12P
5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7628AD EXAR-MP7628AD Datasheet
124Kb / 12P
5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7628BD EXAR-MP7628BD Datasheet
124Kb / 12P
5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7628JN EXAR-MP7628JN Datasheet
124Kb / 12P
5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7628JP EXAR-MP7628JP Datasheet
124Kb / 12P
5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
More results

Similar Description - MP7626KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Exar Corporation
MP7636 EXAR-MP7636 Datasheet
84Kb / 8P
15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
logo
Intersil Corporation
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
16-Bit Multiplying Microprocessor-Compatible D/A Converter
October 1997
logo
Maxwell Technologies
7545A MAXWELL-7545A Datasheet
96Kb / 9P
12-Bit Buffered Multiplying Digital to Analog Converter
logo
Exar Corporation
MP1230A EXAR-MP1230A Datasheet
114Kb / 12P
CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Maxwell Technologies
7545B MAXWELL-7545B Datasheet
92Kb / 9P
12-Bit Buffered Multiplying Digital to Analog Converter
logo
Texas Instruments
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com