Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX53GP Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPX53GP
Description  50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX53GP Datasheet(HTML) 1 Page - Motorola, Inc

  MPX53GP Datasheet HTML 1Page - Motorola, Inc MPX53GP Datasheet HTML 2Page - Motorola, Inc MPX53GP Datasheet HTML 3Page - Motorola, Inc MPX53GP Datasheet HTML 4Page - Motorola, Inc MPX53GP Datasheet HTML 5Page - Motorola, Inc MPX53GP Datasheet HTML 6Page - Motorola, Inc MPX53GP Datasheet HTML 7Page - Motorola, Inc MPX53GP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Sensor Device Data
50 kPa Uncompensated
Silicon Pressure Sensors
The MPX53/MPXV53GC series silicon piezoresistive pressure sensors provide a very
accurate and linear voltage output — directly proportional to the applied pressure. These
standard, low cost, uncompensated sensors permit manufacturers to design and add
their own external temperature compensating and signal conditioning networks.
Compensation techniques are simplified because of the predictability of Motorola’s single
element strain gauge design.
Features
• Low Cost
• Patented Silicon Shear Stress Strain Gauge Design
• Ratiometric to Supply Voltage
• Easy to Use Chip Carrier Package Options
• 60 mV Span (Typ)
• Differential and Gauge Options
Application Examples
• Air Movement Control
• Environmental Control Systems
• Level Indicators
• Leak Detection
• Medical Instrumentation
• Industrial Controls
• Pneumatic Control Systems
• Robotics
Figure 1 shows a schematic of the internal circuitry
on the stand–alone pressure sensor chip.
VOLTAGE OUTPUT versus APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the sensor is directly proportional to the differential
pressure applied.
The output voltage of the differential or gauge sensor increases with increasing
pressure applied to the pressure side (P1) relative to the vacuum side (P2). Similarly,
output voltage increases as increasing vacuum is applied to the vacuum side (P2)
relative to the pressure side (P1).
Replaces MPX50/D
Order this document
by MPX53/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 2002
MPX53D
CASE 344
MPX53GP
CASE 344B
MPX53
MPXV53GC
SERIES
0 to 50 kPa (0–7.25 psi)
60 mV FULL SCALE SPAN
(TYPICAL)
NOTE: Pin 1 is the notched pin.
PIN NUMBER
1
2
Gnd
+Vout
3
4
VS
–Vout
SMALL OUTLINE
PACKAGE
MPXV53GC6U
CASE 482A
MPXV53GC7U
CASE 482C
PIN NUMBER
1
2
3
Gnd
+Vout
VS
5
6
7
N/C
N/C
N/C
4–Vout
8
N/C
UNIBODY PACKAGE
NOTE: Pin 1 is the notched pin.
MPX53DP
CASE 344C
Figure 1. Uncompensated Pressure Sensor Schematic
Sensor
+ Vout
- Vout
+ VS
GND
REV 2


Similar Part No. - MPX53GP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX53GP MOTOROLA-MPX53GP Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPX53GP FREESCALE-MPX53GP Datasheet
221Kb / 9P
50 kPa Uncompensated Silicon Pressure Sensors
MPX53GP FREESCALE-MPX53GP Datasheet
117Kb / 8P
50 kPa Uncompensated Silicon Pressure Sensors
MPX53GP FREESCALE-MPX53GP Datasheet
131Kb / 8P
50 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX53GP NXP-MPX53GP Datasheet
261Kb / 12P
MPX53, 0 to 50 kPa, Differential and Gauge, Uncompensated, Silicon Pressure Sensors
Rev. 7.1, 07/2015
More results

Similar Description - MPX53GP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPVZ12 FREESCALE-MPVZ12 Datasheet
236Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12_07 Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12 Datasheet
190Kb / 8P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10_08 Datasheet
129Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53_08 Datasheet
117Kb / 8P
50 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53_09 Datasheet
131Kb / 8P
50 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com