Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS2D1GNCLFS Datasheet(PDF) 1 Page - C&K Components

Part # ATS2D1GNCLFS
Description  Normally closed function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ATS2D1GNCLFS Datasheet(HTML) 1 Page - C&K Components

  ATS2D1GNCLFS Datasheet HTML 1Page - C&K Components ATS2D1GNCLFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E
E–49
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
23 mar 17
ATS Series
Anti-Tampering Switches
Features/Benefits
• Normally closed function
• Vertical detect
• Reliable long time compression
• IP54
• Tape & reel
• RoHS compliant and compatible
Typical Applications
• Smart meters
• Alarm systems
• Anti-tamper devices
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on the next page. For additional options not shown in catalog, consult Customer Service Center.
Specifications
FUNCTION: Momentary action.
CONTACT TYPE: SPST Normally Closed.
TERMINALS: Gullwing type for SMT.
Mechanical
SWITCHING FORCE:
≤ 2 N
TRAVEL TO BREAK: 0,7 mm
TOTAL TRAVEL: 1,1 mm
Packaging
Switches are delivered on continuous tape, in reels of 2,000 pieces
Electrical
GOLD
SILVER
MAXIMUM POWER:
0.2 VA
1 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mVDC
20 mVDC
MAXIMUM CURRENT:
10 mA
50 mA
MINIMUM CURRENT:
1 µA
1 mA
CONTACT RESISTANCE:
≤ 350 mΩ
INSULATION RESISTANCE:
> 1 G
Ω
DIELECTRIC STRENGTH:
≥ 250 Vrms
Environmental
GOLD
SILVER
OPERATING TEMPERATURE: –40ºC to +125ºC
–40ºC to +85ºC
STORAGE TEMPERATURE:
–55ºC to + 125ºC
–40ºC to +85ºC
Process
SOLDERING: Compatible with lead free reflow process
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
A
T
S
L
F
2
D
Contact Material
1 Silver
3 Gold
Termination
G Gull wing
LFS Lead free compatible. Silver Plated
LFG Lead free compatible. Gold Plated
G
Switch Function
NC Normally closed
N
C
NEW
Actuator
2 Soft actuator - height 3.20 mm
Operating Force
D 2 N detect


Similar Part No. - ATS2D1GNCLFS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS20 ETC2-ATS20 Datasheet
279Kb / 10P
LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
logo
CTS Corporation
ATS200 CTS-ATS200 Datasheet
212Kb / 5P
Leaded or Surface Mount Quartz Crystal
ATS200 CTS-ATS200 Datasheet
182Kb / 6P
ATS/ATS-SM Series Quartz Crystal
ATS200 CTS-ATS200 Datasheet
182Kb / 6P
ATS ATS-SM Series
ATS200 CTS-ATS200 Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
More results

Similar Description - ATS2D1GNCLFS

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
MDPRO4VAF1S SENSORTECHNICS-MDPRO4VAF1S Datasheet
100Kb / 4P
Normally closed proportional solenoid valve
VSONC111VAF0 SENSORTECHNICS-VSONC111VAF0 Datasheet
95Kb / 4P
Normally closed proportional solenoid valve
logo
PIC GmbH
MS-215-7 PIC-MS-215-7 Datasheet
196Kb / 2P
Normally Closed Reed Sensor
MS-216-7 PIC-MS-216-7 Datasheet
166Kb / 2P
Normally Closed Reed Sensor
MS-217-7 PIC-MS-217-7 Datasheet
207Kb / 2P
Normally Closed Reed Sensor
MS-324-7 PIC-MS-324-7 Datasheet
157Kb / 2P
Normally Closed Reed Sensor
MS-324R-7 PIC-MS-324R-7 Datasheet
208Kb / 2P
Normally Closed Reed Sensor
MS-332-7 PIC-MS-332-7 Datasheet
225Kb / 2P
Normally Closed Reed Sensor
logo
IXYS Corporation
PLB171P IXYS-PLB171P Datasheet
122Kb / 5P
Single-Pole, Normally Closed
logo
PIC GmbH
MS-328-7 PIC-MS-328-7 Datasheet
113Kb / 2P
Normally Closed Reed Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com