Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS2D1GNCLFS Datasheet(PDF) 2 Page - C&K Components

Part # ATS2D1GNCLFS
Description  Normally closed function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ATS2D1GNCLFS Datasheet(HTML) 2 Page - C&K Components

  ATS2D1GNCLFS Datasheet HTML 1Page - C&K Components ATS2D1GNCLFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C
C
B
B
3,5
2,1
4
2
0,05
2
0,05
1,5
+0,1
0
1,5
0,25
0,3 0,02
8
0,1
4
0,1
24
2
16
- 1 - 10 sprocket hole pitch cumulative tolerance
0.2mm
- 2 - Carrier camber not to exceed 1 mm in 1000 mm
- 3 - Dimension 6.25 and 4 measured on a plane 0.3 mm above the bottom of the pocket
- 4 - Dimension 3.5 measured from a plan on the inside bottom of the
pocket to the top surface of the carrier.
- 5 - Angle is not marked : 3°
Scrolling direction
in assy machine
SECTION C-C
SCALE 2
SECTION B-B
3
4
E
E–50
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
23 mar 17
ATS Series
Anti-Tampering Switches
NEW
AA
7,3 0,15
6
0,65
0,3
1,9 0,2
3,2 0,25
6
8
D - 1
ATS 2D1G NC LFS
D - 3
ATS 2D3G NC LFG
MARKING
PART NUMBER
Recommended PCB layout
0,1
SECTION A-A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com