Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZW06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BZW06
Description  Unidirectional and bidirectional types
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW06 Datasheet(HTML) 1 Page - STMicroelectronics

  BZW06 Datasheet HTML 1Page - STMicroelectronics BZW06 Datasheet HTML 2Page - STMicroelectronics BZW06 Datasheet HTML 3Page - STMicroelectronics BZW06 Datasheet HTML 4Page - STMicroelectronics BZW06 Datasheet HTML 5Page - STMicroelectronics BZW06 Datasheet HTML 6Page - STMicroelectronics BZW06 Datasheet HTML 7Page - STMicroelectronics BZW06 Datasheet HTML 8Page - STMicroelectronics BZW06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2017
DocID2972 Rev 4
1/9
This is information on a product in full production.
www.st.com
BZW06
Transil™
Datasheet - production data
Features
600 W peak pulse power (10/1000 µs)
Stand-off voltage range 5.8 to 376 V
Unidirectional and bidirectional types
Low clamping factor
Fast response time
UL recognized, file: E136224
Description
Transil diodes provide high overvoltage
protection by clamping action.
Their instantaneous response to transient
overvoltages makes them particularly suited to
protect voltage sensitive devices such as MOS
technology and low voltage supplied IC’s.
Table 1: Order codes
Part number
Marking
BZW06-xxxx
See Table 4.


Similar Part No. - BZW06

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06 Datasheet
329Kb / 4P
600 Watts Transient Voltage Suppressor Diodes
logo
Galaxy Semi-Conductor H...
BZW06 BILIN-BZW06 Datasheet
123Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
BZW06 TAYCHIPST-BZW06 Datasheet
3Mb / 3P
Voltage regulator dides
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06 Datasheet
277Kb / 6P
600 Watts Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
BZW06 NJSEMI-BZW06 Datasheet
91Kb / 2P
600 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - BZW06

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Microsemi Corporation
M1.5KE6.8A MICROSEMI-M1.5KE6.8A Datasheet
386Kb / 4P
Unidirectional and Bidirectional Transient Voltage Suppressor
logo
Digitron Semiconductors
1.5KE6.8 DIGITRON-1.5KE6.8 Datasheet
526Kb / 5P
1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8 YFWDIODE-P4KE6.8 Datasheet
97Kb / 3P
Unidirectional And Bidirectional
logo
Sangdest Microelectroni...
TPK15KPXX SMC-TPK15KPXX Datasheet
131Kb / 4P
Unidirectional and Bidirectional
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
1.5KEG HY-1.5KEG Datasheet
473Kb / 4P
Unidirectional and Bidirectional TransientVoltage Suppressors
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
Unidirectional and Bidirectional Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com