Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZW06 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BZW06
Description  Unidirectional and bidirectional types
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW06 Datasheet(HTML) 5 Page - STMicroelectronics

  BZW06 Datasheet HTML 1Page - STMicroelectronics BZW06 Datasheet HTML 2Page - STMicroelectronics BZW06 Datasheet HTML 3Page - STMicroelectronics BZW06 Datasheet HTML 4Page - STMicroelectronics BZW06 Datasheet HTML 5Page - STMicroelectronics BZW06 Datasheet HTML 6Page - STMicroelectronics BZW06 Datasheet HTML 7Page - STMicroelectronics BZW06 Datasheet HTML 8Page - STMicroelectronics BZW06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BZW06
Characteristics
DocID2972 Rev 4
5/9
Figure 7: Junction capacitance versus reverse
applied voltage (bidirectional types)
Figure 8: Peak forward voltage drop versus peak
forward current
Figure 9: Relative variation of thermal impedance
junction to ambient versus pulse duration
(printed circuit board FR4, eCU = 35 µm)
Figure 10: Leakage current versus junction
temperature
10
100
1000
10000
1
10
100
1000
VR(V)
C(pF)
F = 1 MHz
V
osc = 30 mVRMS
T
j = 25 °C
BZW06-5V8B
BZW06-13B
BZW06-58B
BZW06-171B
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VFM(V)
T
j = 25 °C
T
j = 125 °C
IFM(A)
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
tP(s)
Recommended pad layout
Zth(j-a)/Rth(j-a)
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
175
Tj(°C)
V
R = VRM
V
BR > 10 V
V
R = VRM
V
BR < 10 V
IR(nA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com