Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSL05 Datasheet(PDF) 3 Page - STMicroelectronics

Part # DSL05
Description  Secondary protection for VDSL2 and G.FAST lines
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL05 Datasheet(HTML) 3 Page - STMicroelectronics

  DSL05 Datasheet HTML 1Page - STMicroelectronics DSL05 Datasheet HTML 2Page - STMicroelectronics DSL05 Datasheet HTML 3Page - STMicroelectronics DSL05 Datasheet HTML 4Page - STMicroelectronics DSL05 Datasheet HTML 5Page - STMicroelectronics DSL05 Datasheet HTML 6Page - STMicroelectronics DSL05 Datasheet HTML 7Page - STMicroelectronics DSL05 Datasheet HTML 8Page - STMicroelectronics DSL05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DSL05
Characteristics
DocID029116 Rev 2
3/10
1.1
Characteristics (curves)
Figure 3: Peak pulse power dissipation versus
initial junction temperature (maximum values)
Figure 4: Leakage current versus junction
temperature
Figure 5: Junction capacitance versus reverse
voltage
Figure 6: Junction capacitance versus junction
temperature
Figure 7: Clamping response to 8/20 µs surge (Ipp = 10 A)
0
10
20
30
40
50
0
25
50
75
100
125
150
175
IPP (A)
Tj(°C)
8/20 µs
0.01
0.1
1
10
100
1000
10000
0
25
50
75
100
125
150
Tj(°C)
DSL05 -008 SC6
DSL05 -024 SC6
IR(nA)
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
14
16
18
20
22
24
VR(V)
Tj = 25 °C
Vosc = 1 V
VR < V RM
I/O to I/O
C(pF)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
25
50
75
100
125
150
C(pF)
Tj(°C)
Vosc = 1 V
VR= 2 V
I/O to I/O



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com