Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSL05 Datasheet(PDF) 5 Page - STMicroelectronics

Part # DSL05
Description  Secondary protection for VDSL2 and G.FAST lines
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL05 Datasheet(HTML) 5 Page - STMicroelectronics

  DSL05 Datasheet HTML 1Page - STMicroelectronics DSL05 Datasheet HTML 2Page - STMicroelectronics DSL05 Datasheet HTML 3Page - STMicroelectronics DSL05 Datasheet HTML 4Page - STMicroelectronics DSL05 Datasheet HTML 5Page - STMicroelectronics DSL05 Datasheet HTML 6Page - STMicroelectronics DSL05 Datasheet HTML 7Page - STMicroelectronics DSL05 Datasheet HTML 8Page - STMicroelectronics DSL05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DSL05
Package information
DocID029116 Rev 2
5/10
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Epoxy meets UL 94,V0
Lead-free package
3.1
SOT23-6L package information
Figure 10: SOT23-6L package outline
Table 4: SOT23-6L package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.9
1.45
0.0354
0.0571
A1
0
0.15
0
0.0059
A2
0.9
1.3
0.0354
0.0512
b
0.30
0.5
0.0118
0.0197
c
0.09
0.2
0.0035
0.0079
D
2.8
3.05
0.1102
0.1201
E
1.5
1.75
0.0591
0.0689
e
0.95
0.0374
H
2.6
3
0.1024
0.1181
L
0.3
0.6
0.0118
0.0236
θ
0
10
0
0.3937



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com