Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87415VCG Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415VCG
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415VCG Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC87415VCG Datasheet HTML 27Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 28Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 29Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 30Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 31Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 32Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 33Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 34Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
80 Electrical Characteristics
81 ABSOLUTE MAXIMUM RATINGS
(5V 10%)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VDD)
b
05V to a70V
Input Voltage (VI)
b
05V to VDD a 05V
Output Voltage (VO)
b
05V to VDD a 05V
Storage Temperature (TSTG)
b
65 Cto a165 C
Lead Temperature (TL)
(Soldering 10 seconds)
a
260 C
82 RECOMMENDED OPERATING CONDITIONS
Min
Typ
Max
Units
Supply Voltage
45
50
55
V
Operating Temperature (TA)0
a
70
C
83 DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Max
Units
VCC
Supply Voltage
475
525
V
VIL
Input Low Voltage
b
05
08
V
VIH
Input High Voltage
20
VCC a 05
V
IIH
Input High Current
VIN e 27
70
m
A
IIL
Input Low Current
VIN e 05
b
70
m
A
VOH
Output High Voltage
IOUT eb2 mA
24
V
VOL
Output Low Voltage
IOUT e 3 mA 6 mA
055
V
ICC
Supply Current
10
mA
CIN
Input Pin Capacitance
10
pF
CCLK
CLK Pin Capacitance
5
12
pF
CIDSEL
IDSEL Pin Capacitance
8
pF
LPIN
Pin Inductance
20
nH
http
www nationalcom
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com