Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87415VCG Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415VCG
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415VCG Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87415VCG Datasheet HTML 1Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 2Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 3Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 4Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 5Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 6Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 7Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 8Page - National Semiconductor (TI) PC87415VCG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TLF12497
PRELIMINARY
March 1996
PC87415
PCI-IDE DMA Master Mode Interface Controller
10 General Description
The Enhanced PCI-IDE Interface is a single-chip controller
packaged in a 100-pin PQFP It provides 2 IDE channels for
interfacing up to 4 IDE drives or 2 IDE drives and CD-ROM
directly on the PCI Local bus An enhanced DMA controller
on-chip increases system performance by providing full
scattergather data transfers between IDE devices and sys-
tem memory without CPU intervention Four levels of both
write posting and read prefetching per channel allow the
host CPU to run concurrently with IDE cycles Programma-
ble timing functions provide maximum flexibility of timing pa-
rameters per drive for optimizing the data transfer rate per
drive Both PC compatible addressing and PCI compliant
addressing are supported by re-mapping the base address-
es A power control feature allows turning off power to the
IDE cables
The Enhanced PCI-IDE Interface connection to the PCI bus
is virtually ‘‘glue-less’’ with only one additional TTL data
buffer (optional)
This high-integration solution reduces
component count eases board design reduces cost and
increases reliability
The Enhanced PCI-IDE supports faster ATA devices using
PIO modes 1 2 3 and 4 as well as DMA modes 0 1 and 2
It comes with a full suite of software drivers for DOS 50 –
6x Windows
3x Windows
95 Windows NTTM OS2
2x Novell
NetWareTM 31x – 4x and SCO UNIX
3x
TRI-STATE
is a registered trademark of National Semiconductor Corporation
WATCHDOGTM is a trademark of National Semiconductor Corporation
Novell
is a registered trademark of Novell Inc
NetWareTM is a trademark of Novell Inc
Unix
is a registered trademark of ATT Bell Laboratories
Windows
and Windows
95 are registered trademarks of Microsoft Corporation
Windows NTTM is a trademark of Microsoft Corporation
20 Features
Y
PCI bus interface for up to 4 IDE devices
Y
33 MHz 32-bit PCI bus data path with full parity error
reporting
Y
167 MBytesec maximum IDE transfer rate
Y
Support for 2 IDE channels (
2 IDE devices per chan-
nel)
Y
Primary or secondary IDE addressing (1F0x170x) in
PC compatible mode
Y
Re-mappable base registers for full PCI compliance
Y
Concurrent channel operation (PIO
DMA modes)
Y
4 Double Word write FIFO per channel
Y
4 Double Word read prefetch FIFO per channel
Y
Enhanced DMA mode with scattergather capability
Y
ANSI ATA Modes 0 through 4 PIO support (internal
DMA not selected)
Y
IORDY handshaking for PIO
Y
ANSI ATA Modes 0 through 2 Multiword DMA support
(internal DMA selected)
Y
Individually programmable command and recovery tim-
ing for reads and writes per channeldrive for com-
mand control and data
Y
Individually programmable data sector size for read pre-
fetches per channel
Y
PC compatible interrupt routing of IRQ14 and IRQ15
Y
Hardware and software chip enabledisable
Y
Optional Power Control for IDE Drives
Y
Fully static logic design
Y
100-pin PQFP package
TLF12497 – 1
FIGURE 1 The PC87415 in a PCI Based System
C1996 National Semiconductor Corporation
RRD-B30M46Printed in U S A
http
www nationalcom


Similar Part No. - PC87415VCG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87410 NSC-PC87410 Datasheet
197Kb / 16P
PC87410 PCI-IDE Interface Controller
PC87410VLK NSC-PC87410VLK Datasheet
197Kb / 16P
PC87410 PCI-IDE Interface Controller
PC87413 NSC-PC87413 Datasheet
3Mb / 257P
LPC ServerI/O for Servers and Workstations
PC87414 NSC-PC87414 Datasheet
3Mb / 257P
LPC ServerI/O for Servers and Workstations
PC87416 NSC-PC87416 Datasheet
3Mb / 257P
LPC ServerI/O for Servers and Workstations
More results

Similar Description - PC87415VCG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C37A TOSHIBA-TMP82C37A Datasheet
1Mb / 65P
MULTIMODE DMA CONTROLLER
logo
National Semiconductor ...
PC87410 NSC-PC87410 Datasheet
197Kb / 16P
PC87410 PCI-IDE Interface Controller
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
PROGRAMMABLE DMA CONTROLLER
logo
NEC
UPD71071 NEC-UPD71071 Datasheet
1Mb / 37P
DMA Controller
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
Programmable DMA Controller
logo
Winbond
W83C554F WINBOND-W83C554F Datasheet
3Mb / 156P
SYSTEM I/O CONTROLLER WITH PCI ARBITER & UltraDMA/33 IDE Controller
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
PROGRAMMABLE DMA CONTROLLER
logo
Silicon image
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
PCI to IDE/ATA
logo
PHOENIX CONTACT
2725260 PHOENIX-2725260 Datasheet
114Kb / 6P
PCI master controller board with electrical isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com