Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMP80R900PC Datasheet(PDF) 9 Page - MagnaChip Semiconductor.

Part # MMP80R900PC
Description  800V 0.9(ohm) N-channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMP80R900PC Datasheet(HTML) 9 Page - MagnaChip Semiconductor.

Back Button MMP80R900PC Datasheet HTML 2Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 3Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 4Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 5Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 6Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 7Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 8Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 9Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 10Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MMP80R900PC Datasheet
Sep. 2016 Revision 1.0
MagnaChip Semiconductor Ltd.
9
 Physical Dimension
3 Leads, TO-220
Note : PKG Body Sizes exclude Mold Flash & Gate Burrs
[unit:mm]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com