Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMP80R900PC Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MMP80R900PC
Description  800V 0.9(ohm) N-channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMP80R900PC Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MMP80R900PC Datasheet HTML 1Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 2Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 3Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 4Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 5Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 6Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 7Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 8Page - MagnaChip Semiconductor. MMP80R900PC Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MMP80R900PC Datasheet
Sep. 2016 Revision 1.0
MagnaChip Semiconductor Ltd.
1
Parameter
Value
Unit
VDS @ Tj,max
850
V
RDS(on),max
0.9
Ω
VTH,typ
3
V
ID
6
A
Qg,typ
17.6
nC
Order Code
Marking
Temp. Range
Package
Packing
RoHS Status
MMP80R900PCTH
80R900PC
-55 ~ 150℃
TO-220
Tube
Halogen Free
MMP80R900PC
800V 0.9Ω N-channel MOSFET
 Description
MMP80R900PC is power MOSFET using Magnachip
’s advanced super junction technology that
can realize very low on-resistance and gate charge. It will provide much high efficiency by using
optimized charge coupling technology. These user friendly devices give an advantage of Low EMI to
designers as well as low switching loss.
 Features
 Low Power Loss by High Speed Switching and Low On-Resistance
 100% Avalanche Tested
 Green Package – Pb Free Plating, Halogen Free
 Key Parameters
 Ordering Information
 Applications
 PFC Power Supply Stages
 Switching Applications
 Adapter
D
G
S
G
D
S
Package & Internal Circuit


Similar Part No. - MMP80R900PC

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MMP80R900PCTH ISC-MMP80R900PCTH Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MMP80R900PC

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMD60R900P MGCHIP-MMD60R900P Datasheet
1Mb / 10P
600V 0.9(ohm) N-channel MOSFET
MMD70R900P MGCHIP-MMD70R900P Datasheet
1Mb / 10P
700V 0.9(ohm) N-channel MOSFET
MMD80R900P MGCHIP-MMD80R900P Datasheet
1Mb / 10P
800V 0.9(ohm) N-channel MOSFET
MMD80R900PC MGCHIP-MMD80R900PC Datasheet
1Mb / 10P
800V 0.9(ohm) N-channel MOSFET
MMF70R900P MGCHIP-MMF70R900P Datasheet
1Mb / 10P
700V 0.9(ohm) N-channel MOSFET
MMF80R650P MGCHIP-MMF80R650P Datasheet
1Mb / 10P
800V 0.65(ohm) N-channel MOSFET
MMF80R900P MGCHIP-MMF80R900P Datasheet
1Mb / 10P
800V 0.9(ohm) N-channel MOSFET
MMF80R900PC MGCHIP-MMF80R900PC Datasheet
1Mb / 10P
800V 0.9(ohm) N-channel MOSFET
MMIS60R900P MGCHIP-MMIS60R900P Datasheet
1Mb / 11P
600V 0.9(ohm) N-channel MOSFET
MMIS70R900P MGCHIP-MMIS70R900P Datasheet
1Mb / 10P
700V 0.9(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com