Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC143Z Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTC143Z
Description  NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC143Z Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTC143Z Datasheet HTML 1Page - NXP Semiconductors PDTC143Z Datasheet HTML 2Page - NXP Semiconductors PDTC143Z Datasheet HTML 3Page - NXP Semiconductors PDTC143Z Datasheet HTML 4Page - NXP Semiconductors PDTC143Z Datasheet HTML 5Page - NXP Semiconductors PDTC143Z Datasheet HTML 6Page - NXP Semiconductors PDTC143Z Datasheet HTML 7Page - NXP Semiconductors PDTC143Z Datasheet HTML 8Page - NXP Semiconductors PDTC143Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
Product specification
Supersedes data of 2004 Apr 06
2004 Aug 16
DISCRETE SEMICONDUCTORS
PDTC143Z series
NPN resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = 47 kΩ


Similar Part No. - PDTC143Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143Z NXP-PDTC143Z Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 16
logo
Nexperia B.V. All right...
PDTC143Z NEXPERIA-PDTC143Z Datasheet
1Mb / 17P
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 8 - 5 December 2011
PDTC143Z NEXPERIA-PDTC143Z Datasheet
363Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
logo
NXP Semiconductors
PDTC143ZE NXP-PDTC143ZE Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 16
logo
Nexperia B.V. All right...
PDTC143ZE NEXPERIA-PDTC143ZE Datasheet
1Mb / 17P
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 8 - 5 December 2011
More results

Similar Description - PDTC143Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PDTA124X NXP-PDTA124X Datasheet
90Kb / 12P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08-3 September 2009
PDTA143X NXP-PDTA143X Datasheet
93Kb / 12P
PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-16 April 2007
PDTA144V NXP-PDTA144V Datasheet
122Kb / 18P
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04-3 September 2009
PEMB15 NXP-PEMB15 Datasheet
72Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 04-31 August 2009
PEMD15 NXP-PEMD15 Datasheet
72Kb / 10P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 03-2 September 2009
PUMD16 NXP-PUMD16_05 Datasheet
69Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Rev. 02-7 June 2005
PEMD17_PUMD17 PHILIPS-PEMD17_PUMD17_15 Datasheet
76Kb / 12P
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005
logo
Nexperia B.V. All right...
PDTA124X_SER NEXPERIA-PDTA124X_SER Datasheet
205Kb / 13P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com