Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSI6000 Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MSI6000
Description  11-Channel Level Shifter with Gate Voltage Shaping and Discharge Functions
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MSI6000 Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MSI6000 Datasheet HTML 1Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 2Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 3Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 4Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 5Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 6Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 7Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 8Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Confidential
Datasheet Version 1.1
June 2016. Revision 1.1
MagnaChip Semiconductor Ltd.
2
Bill of Materials
item
Part Number
Manufacturer
Description
Qty.
IC
MSI6000
Magnachip
11 channel Level shifter
1
CIN
CL10B105KO8NNNC
Samsung
1uF, 16V, 1608, X7R
1
CVGH / CVGL
CL21B105KBFNNNF
Samsung
1uF, 50V, 2012, X7R
2
Pin Configuration
2
1
3
4
5
6
EVEN
DRST(ODD)
BRST
GCLK6
GCLK5
GCLK4
17
18
16
15
14
13
Exposed PAD
[ VGL Connection ]
7
8
9
10
11
12
24
23
22
21
20
19
NC
GST
ON_CLK
OFF_CLK
TBRST
TDRST(E/O)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com