Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSI6000 Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MSI6000
Description  11-Channel Level Shifter with Gate Voltage Shaping and Discharge Functions
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MSI6000 Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MSI6000 Datasheet HTML 1Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 2Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 3Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 4Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 5Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 6Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 7Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 8Page - MagnaChip Semiconductor. MSI6000 Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Confidential
Datasheet Version 1.1
June 2016. Revision 1.1
MagnaChip Semiconductor Ltd.
3
Pin Definitions
Pin#
Name
IO
Description
1
EVEN
O
Level shifter Output, Always VGL Output Pin.
2
DRST(ODD)
O
Level shifter Output, High voltage level shifter output
3
BRST
O
Level shifter Output
4
GLK6
O
Level Shifter Outputs. High voltage level shifter outputs.
5
GLK5
O
Level Shifter Outputs. High voltage level shifter outputs.
6
GLK4
O
Level Shifter Outputs. High voltage level shifter outputs.
7
GLK3
O
Level Shifter Outputs. High voltage level shifter outputs.
8
GLK2
O
Level Shifter Outputs. High voltage level shifter outputs.
9
GLK1
O
Level Shifter Outputs. High voltage level shifter outputs.
10
VST
O
Level shifter Output for Vertical Start
11
GND
G
Level shifter Ground
12
ALL_H
I
Discharging Input
13
TDRST(E/O)
I
Level shifter Input for Gate DRST
14
TBRST
I
Level shifter Input BRST
15
OFF_CLK
I
Level shifter Input for GPM Start and GPM Duty, High voltage level shifter logic input
16
ON_CLK
I
Level shifter Input for GPM Start and GPM Duty, High voltage level shifter logic input
17
GST
I
Level shifter Input for Gate Start, Synchronized with VST
18
NC
I
Not Connected
19
VIN
P
VIN Input Supply Voltage
20
GND
G
Level shifter Ground
21
VGL
I
Negative Supply for Level Shifter. VGL supplies negative power to level shifter for
Gate-Off. Place ceramic capacitor of sufficient capacity considering current level
needed. Shunt capacitor to GND as close as possible to this pin.
22
RE
I
Gate High Output Fall Time and Gate Low Output rise time Setting pin.
Connect a resistor to VDD to set the transition slope
23
VGH
I
Positive Supply for Level Shifter. VGH supplies positive power to ODD for Gate-On.
Place ceramic capacitor of sufficient capacity considering current level needed. Shunt
capacitor to GND as close as possible to this pin.
24
DSCH
O
Output for Discharge. Negated high voltage level-shifted output
N/A
E-PAD
G
Connect VGL
Absolute Maximum Ratings
Absolute Maximum ratings [ TA=25℃, Unless otherwise noted ]
Parameter
Value
Unit
ON_CLK, OFF_CLK, GST, TDRST, ALL-H to GND
-0.3 to 6.0
V
VGH, RE to GND
-0.3 to 39.0
V
DSCH, CLK1~6, ODD, BRST, VST, VGH to VGL
-0.3 to 54.0
V
VGL, EVEN to GND
-15.0 to +0.3
V
Power Dissipation, PD @ TA=70℃
(1)
2 (Max.)
W
Package Thermal Resistance (
θJA)
40 (Max.)
℃/W
Operating ambient temperature range
(2)
-25 to +85
℃
Operating Junction temperature range
(2)
-25 to +125
℃
Ambient Storage Temperature
-65 to +150
℃
ESD HBM Rating
2
kV
ESD MM Rating
200
V
ESD CDM Rating
700
V
Note :
1)
Highly depends on the PCB heat dissipation. Tester with the Thermal Characteristics the condition below TA=70℃
2)
Measured in still air-free convection condition(conforms to EIA/JESD51-2) on high effective thermal conductivity
JESD51-7 test board.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com