Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN1908 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN1908
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1908 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN1908 Datasheet HTML 1Page - Toshiba Semiconductor RN1908 Datasheet HTML 2Page - Toshiba Semiconductor RN1908 Datasheet HTML 3Page - Toshiba Semiconductor RN1908 Datasheet HTML 4Page - Toshiba Semiconductor RN1908 Datasheet HTML 5Page - Toshiba Semiconductor RN1908 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RN1907~RN1909
2001-06-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1907,RN1908,RN1909
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l Including two devices in US6 (ultra super mini type with 6 leads)
l With built-in bias resistors
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Complementary to RN2907~RN2909
Equivalent Circuit and Bias Resistor Values
Equivalent Circuit (Top View)
Maximum Ratings (Ta = 25
°°°°C) (Q1, Q2 Common)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
RN1907~1909
VCEO
50
V
RN1907
6
RN1908
7
Emitter-base voltage
RN1909
VEBO
15
V
Collector current
IC
100
mA
Collector power dissipation
PC*
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN1907~1909
Tstg
−55~150
°C
*: Total rating
JEDEC
―
EIAJ
―
TOSHIBA
2-2J1A
Weight: 6.8mg
Type No.
R1 (kΩ)R2 (kΩ)
RN1907
10
47
RN1908
22
47
RN1909
47
22
Unit: mm


Similar Part No. - RN1908

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1908 TOSHIBA-RN1908 Datasheet
178Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
07-Jun-2001
RN1908AFS TOSHIBA-RN1908AFS Datasheet
153Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1908FE TOSHIBA-RN1908FE Datasheet
333Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1908FS TOSHIBA-RN1908FS Datasheet
140Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN1908

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
Rev.1
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
07-Jun-2001
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
07-Jun-2001
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
TPCP8505 TOSHIBA-TPCP8505 Datasheet
205Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com