Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN1908 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN1908
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1908 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN1908 Datasheet HTML 1Page - Toshiba Semiconductor RN1908 Datasheet HTML 2Page - Toshiba Semiconductor RN1908 Datasheet HTML 3Page - Toshiba Semiconductor RN1908 Datasheet HTML 4Page - Toshiba Semiconductor RN1908 Datasheet HTML 5Page - Toshiba Semiconductor RN1908 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RN1907~RN1909
2001-06-07
2
Electrical Characteristics (Ta = 25
°°°°C) (Q1, Q2 Common)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
―
VCB = 50V, IE = 0
―
―
100
nA
Collector cut-off current
RN1907~1909
ICEO
―
VCE = 50V, IB = 0
―
―
500
nA
RN1907
―
VEB = 6V, IC = 0
0.081
―
0.15
RN1908
―
VEB = 7V, IC = 0
0.078
―
0.145
Emitter cut-off current
RN1909
IEBO
―
VEB = 15V, IC = 0
0.167
―
0.311
mA
RN1907
―
80
―
―
RN1908
―
80
―
―
DC current gain
RN1909
hFE
―
VCE = 5V, IC = 10mA
70
―
―
―
Collector-emitter
saturation voltage
RN1907~1909
VCE (sat)
―
IC = 5mA, IB = 0.25mA
―
0.1
0.3
V
RN1907
―
0.7
―
1.8
RN1908
―
1.0
―
2.6
Input voltage (ON)
RN1909
VI (ON)
―
VCE = 0.2V, IC = 5mA
2.2
―
5.8
V
RN1907
―
0.5
―
1.0
RN1908
―
0.6
―
1.16
Input voltage (OFF)
RN1909
VI (OFF)
―
VCE = 5V, IC = 0.1mA
1.5
―
2.6
V
Translation frequency
RN1907~1909
fT
―
VCE = 10V, IC = 5mA
―
250
―
MHz
Collector output capacitance RN1907~1909
Cob
―
VCB = 10V, IE = 0,
f = 1MHz
―
3
6
pF
RN1907
―
7
10
13
RN1908
―
15.4
22
28.6
Input resistor
RN1909
R1
―
―
32.9
47
61.1
kΩ
RN1907
―
0.191
0.213
0.232
RN1908
―
0.421
0.468
0.515
Resistor ratio
RN1909
R1/R2
―
―
1.92
2.14
2.35
―



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com