Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWI5-E-USB Datasheet(PDF) 1 Page - CUI INC

Part # SWI5-E-USB
Description  5 W power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI5-E-USB Datasheet(HTML) 1 Page - CUI INC

  SWI5-E-USB Datasheet HTML 1Page - CUI INC SWI5-E-USB Datasheet HTML 2Page - CUI INC SWI5-E-USB Datasheet HTML 3Page - CUI INC SWI5-E-USB Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date 09/16/2016
page 1 of 4
SERIES: SWI5-E-USB
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level2
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SWI5-5-E-I38
5
1
5
300
VI
Notes:
1.Atfullload,nominalinput,25°C,20MHzbandwidthoscilloscope,eachoutputterminatedwith0.1μFceramicand10μFelectrolyticcapacitors.
2. CoC Tier 2 compliant
FEATURES
• 5 W power
•DoELevelVI,CoCTier2efficiency
• universal input (90~264 Vac)
• single regulated 5 Vdc output
• over voltage, over current, and short circuit protections
•GSsafetyapproval
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SWI5 - 5 - E - I38 - CXX
USBTypeAInlet
Output Voltage
ACInputType:
Europe
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - SWI5-E-USB

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI5-E-USB CUI-SWI5-E-USB Datasheet
692Kb / 4P
AC-DC POWER SUPPLY
12/09/2020
SWI5-E-USB CUI-SWI5-E-USB_V01 Datasheet
692Kb / 4P
AC-DC POWER SUPPLY
12/09/2020
More results

Similar Description - SWI5-E-USB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
5 W audio power amplifier
November 1982
logo
Sanyo Semicon Device
LA4267 SANYO-LA4267 Datasheet
70Kb / 6P
5 W Monaural Power Amplifier
LA4277 SANYO-LA4277 Datasheet
79Kb / 6P
5 W 2-Channel Power Amplifier
logo
Power Integrations, Inc...
DER-113 POWERINT-DER-113 Datasheet
565Kb / 25P
5 W, 5 V Charger using TNY274P
DI-34 POWERINT-DI-34 Datasheet
62Kb / 2P
5 W Universal Adapter
logo
Transcom, Inc.
TC2896 TRANSCOM-TC2896 Datasheet
103Kb / 4P
5 W Flange Ceramic Packaged GaAs Power FETs
TC2876 TRANSCOM-TC2876 Datasheet
52Kb / 2P
5 W Low-Cost Packaged PHEMT GaAs Power FETs
logo
STMicroelectronics
TDA7266SAN STMICROELECTRONICS-TDA7266SAN Datasheet
679Kb / 15P
5 W 5 W dual bridge amplifier
31-Aug-2012
logo
TriQuint Semiconductor
TQP0102 TRIQUINT-TQP0102 Datasheet
374Kb / 10P
5 W, DC to 4 GHz, GaN Power Transistor
logo
Qorvo, Inc
TGA2237-SM QORVO-TGA2237-SM Datasheet
1,019Kb / 19P
0.03??.5 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com