Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70WS Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # BAS70WS
Description  Plastic-Encapsulate Schottky Barrier Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BAS70WS Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  BAS70WS Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BAS70WS Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BAS70WS Datasheet HTML 3Page - WILLAS ELECTRONIC CORP BAS70WS Datasheet HTML 4Page - WILLAS ELECTRONIC CORP BAS70WS Datasheet HTML 5Page - WILLAS ELECTRONIC CORP BAS70WS Datasheet HTML 6Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25
Parameter
Symbol
Limit
Unit
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking V oltage
VRRM
VRWM
VR
70
V
Forward Continuous Current
IF
70
mA
Peak Forward Surge Current @t<1.0s
IFSM
100
mA
Power Dissipation
PD
200
mW
Thermal Resistance from Junction to Ambient
RθJA
500
℃/W
Electrical Ratings @Ta=25
℃
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
VF1
0.41
V
IF=1mA
Forward voltage
VF2
1
V
IF=15mA
Reverse current
IR
120
nA
VR=50V
Capacitance between terminals
CT
2
pF
VR=0V,f=1MHz
Reverse recovery time
trr
5
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
Storage Temperature
TSTG
-55 ~+150
℃
Operating temperature
TJ
-55 ~+125
℃
PRIMARY CHARACTERISTICS
SOD-323
PACKAGE
PD
200mV
VRRM
70V
IF
70mA
VF@IF=1mA
410mV
TJ Max
125℃
FEATURES
Low Turn-on voltage
Fast Switching
PN Junction Guard for Transient
and ESD Protection
Designed for Surface Mount
Application
Moisture Sensitivity Level 1
MARKING: K73
MECHANICAL DATA
Case:Molded plastic,SOD-323
Polarity:Shown above
Terminals :Plated terminals,
solderable per MIL-STD-750,Method
2026
Epoxy : UL94-V0 rated flame
retardant
2016.07
www.willas.com.tw
Rev. 0


Similar Part No. - BAS70WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS70WS JIANGSU-BAS70WS Datasheet
297Kb / 3P
SCHOTTKY DIODE
logo
Weitron Technology
BAS70WS WEITRON-BAS70WS Datasheet
202Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Won-Top Electronics
BAS70WS WTE-BAS70WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAS70WS BILIN-BAS70WS Datasheet
167Kb / 2P
Schottky barrier diodes
More results

Similar Description - BAS70WS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAS70WS SECOS-BAS70WS Datasheet
157Kb / 2P
Schottky Diodes Plastic-Encapsulate Diodes
SCS481J SECOS-SCS481J Datasheet
885Kb / 2P
Plastic-Encapsulate Diodes 0.2AMP Schottky Barrier Rectifiers
SD101AW SECOS-SD101AW Datasheet
155Kb / 2P
Plastic-Encapsulate Schottky Diodes
SD101XW SECOS-SD101XW Datasheet
155Kb / 2P
Plastic-Encapsulate Schottky Diodes
SCS751DS SECOS-SCS751DS_15 Datasheet
98Kb / 2P
Plastic-Encapsulate Schottky Diodes
SD101XW SECOS-SD101XW_15 Datasheet
155Kb / 2P
Plastic-Encapsulate Schottky Diodes
logo
WILLAS ELECTRONIC CORP
BAS40 WILLAS-BAS40 Datasheet
584Kb / 4P
200mW Plastic-Encapsulate Schottky Barrier Diodes
BAS40W WILLAS-BAS40W Datasheet
563Kb / 5P
150mW Plastic-Encapsulate Schottky Barrier Diodes
BAS40WS WILLAS-BAS40WS Datasheet
827Kb / 6P
200mW Plastic-Encapsulate Schottky Barrier Diodes
BAS70W WILLAS-BAS70W Datasheet
716Kb / 6P
Plastic-Encapsulate Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com