Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70WS Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # BAS70WS
Description  Plastic-Encapsulate Schottky Barrier Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BAS70WS Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  BAS70WS Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BAS70WS Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BAS70WS Datasheet HTML 3Page - WILLAS ELECTRONIC CORP BAS70WS Datasheet HTML 4Page - WILLAS ELECTRONIC CORP BAS70WS Datasheet HTML 5Page - WILLAS ELECTRONIC CORP BAS70WS Datasheet HTML 6Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
0
25
50
75
100
125
0
50
100
150
200
250
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
0
5
10
15
20
25
30
35
40
1E-3
0.01
0.1
1
10
100
0
5
10
15
20
0
1
2
3
4
5
Forward Characteristics
Reverse Characteristics
Power Derating Curve
AMBIENT TEMPERATURE T
a
( )
0.3
Typical Characteristics
20
3
FORWARD VOLTAGE
V
F
(V)
3
3E-3
30
0.3
0.03
T
a=100
T
a=25
REVERSE VOLTAGE V
R
(V)
T
a=25
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE V
R
(V)
2016.07
www.willas.com.tw
Rev. 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com