Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC56-21 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SC56-21
Description  14MM SINGLE DIGIT NUMERIC DISPLAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC56-21 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SC56-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC56-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC56-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC56-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC56-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC56-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7-S56-3
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
Peak Wavelength
Red
Bright Red
High Efficiency Red
Green
Yellow
Super Bright Red
660
700
625
565
590
660
nm
IF=20mA
Spectral Line
Halfwidth
Red
Bright Red
High Efficiency Red
Green
Yellow
Super Bright Red
20
45
45
30
35
20
nm
IF=20mA
Capacitance
Red
Bright Red
High Efficiency Red
Green
Yellow
Super Bright Red
40
40
12
45
10
95
pF
VF=0V;f=1MHz
Forward Voltage
Red
Bright Red
High Efficiency Red
Green
Yellow
Super Bright Red
1.7
2.0
2.0
2.2
2.1
1.85
2.1
2.5
2.5
2.5
2.5
2.5
V
IF=20mA
Reverse Current
All
10
uA
VR = 5V
Electrical / Optical Characteristics at TA=25° C
Ü´1/2
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
´peak
C
vF
IR
Parameter
Red
Bright
Red
High
Efficiency
Red
Green
Yellow
Super
Bright
Red
Units
Power dissipation
120
120
105
105
105
100
mW
DC Forward Current
30
25
30
25
30
30
mA
Peak Forward Current [1]
150
150
150
150
150
150
mA
Reverse Voltage
5
5
5
5
5
5
V
Operating/Storage Temperature
-40
To +85
Lead Soldering Temperature [2]
260
For 5 Seconds
Absolute Maximum Ratings at TA=25° C
° C
° C
° C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com