Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC56-21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC56-21
Description  14MM SINGLE DIGIT NUMERIC DISPLAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC56-21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC56-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC56-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC56-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC56-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC56-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC56-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7-S56-1
Features
l
0.56 INCH DIGIT HEIGHT.
l
LOW CURRENT OPERATION.
l
EXCELLENT CHARACTER APPEARANCE.
l
UNIVERSAL
. OVERFLOW AVAILABLE.
l
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
l
I.C. COMPATIBLE.
l
CATEGORIZED FOR LUMINOUS INTENSITY,
YELLOW AND GREEN CATEGORIZED FOR COLOR.
l
MECHANICALLY RUGGED.
l
STANDARD : GRAY FACE, WHITE SEGMENT.
Kingbright
®
Notes:
1. All dimensionsarein millimeters(inches), Tolerance is
o0.25(0.01")unlessotherwisenoted.
2. Specifications are subjected to change whitout notice.
Description
The Red source color device are made with Gallium
Arsendide Phosphide Red Light Emitting Diode.
The Bright Red source color devices are made with Gallium
Phosphide Red Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
14mm (0.56INCH) SINGLE DIGIT
NUMERIC DISPLAYS
SA56-11
SC56-11
SA56-21
SC56-21
FA56-11
FC56-11


Similar Part No. - SC56-21

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC56-21EWA KINGBRIGHT-SC56-21EWA Datasheet
186Kb / 4P
14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-21GWA KINGBRIGHT-SC56-21GWA Datasheet
186Kb / 4P
14.2mm (0.56INCH) SINGLE DIGIT
SC56-21GWA KINGBRIGHT-SC56-21GWA_11 Datasheet
225Kb / 6P
14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-21SRWA KINGBRIGHT-SC56-21SRWA Datasheet
67Kb / 3P
14.2mm (0.56INCH) SEVEN SEGMENT DISPLAY
SC56-21YWA KINGBRIGHT-SC56-21YWA Datasheet
185Kb / 4P
14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC56-21

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MS132A-C MICRO-ELECTRONICS-MS132A-C Datasheet
68Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
MS139A MICRO-ELECTRONICS-MS139A Datasheet
63Kb / 2P
0.39 SINGLE DIGIT NUMERIC DISPLAYS
MS141A MICRO-ELECTRONICS-MS141A Datasheet
63Kb / 2P
0.4 SINGLE DIGIT NUMERIC DISPLAYS
MS144A MICRO-ELECTRONICS-MS144A Datasheet
61Kb / 2P
0.39 SINGLE DIGIT NUMERIC DISPLAYS
MY131A-C MICRO-ELECTRONICS-MY131A-C Datasheet
74Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
MY134A-C MICRO-ELECTRONICS-MY134A-C Datasheet
72Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
SX52 ETC-SX52 Datasheet
149Kb / 5P
13.2MM SINGLE DIGIT NUMERIC DISPLAYS
BA56-11 ETC-BA56-11 Datasheet
525Kb / 6P
14mm (0.56INCH) THREE DIGIT NUMERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-3406L LITEON-LTS-3406L Datasheet
1Mb / 8P
0.8 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
TOS-40101 ETC1-TOS-40101 Datasheet
153Kb / 1P
4.00 INCH SINGLE DIGIT NUMERIC DISPLAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com